Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS1689S/T
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/T Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS1689S/T Datasheet HTML 22Page - Dallas Semiconductor DS1689S/T Datasheet HTML 23Page - Dallas Semiconductor DS1689S/T Datasheet HTML 24Page - Dallas Semiconductor DS1689S/T Datasheet HTML 25Page - Dallas Semiconductor DS1689S/T Datasheet HTML 26Page - Dallas Semiconductor DS1689S/T Datasheet HTML 27Page - Dallas Semiconductor DS1689S/T Datasheet HTML 28Page - Dallas Semiconductor DS1689S/T Datasheet HTML 29Page - Dallas Semiconductor DS1689S/T Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
DS1689/DS1693
26 of 36
DC ELECTRICAL CHARACTERISTICS—3V
(Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Average VCC Power-Supply Current
ICC1
5
10
mA
2, 3
CMOS Standby Current
(
CS = VCC - 0.2V)
ICC2
0.5
2
mA
2, 3
Input Leakage Current (Any Input)
IIL
-1
+1
µA
CEI Input Leakage
ICEI
-160
+1
µA
15
PSEL Input Leakage
IPSEL
+1
-160
µA
16
Output Leakage Current
IOL
+160
-1
µA
8
Output Logic 1 Voltage (IOUT = 0.4mA)
VOH
2.4
V
Output Logic 0 Voltage (IOUT = 0.8mA)
VOL
0.4
V
Output Voltage
VCCO1
VCC -
0.3
V
4
Output Current
ICCO1
50
mA
4
Power-Fail Trip Point
VPF
2.5
2.6
2.7
V
5
Output Voltage
VCCO2
VBAT -
0.3
V
6
Output Current
ICCO2
100
µA
6
Battery Leakage OSC ON
IBAT1
500
1000
nA
Battery Leakage OSC OFF
IBAT2
50
150
nA
17
I/O Leakage
ILO
-1
+1
µA
7
PWR Output at 0.4V
IOLPWR
4
mA
1
CEI to CEO Impedance
ZCE
120
Ω
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com