Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS1689S/T
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/T Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS1689S/T Datasheet HTML 19Page - Dallas Semiconductor DS1689S/T Datasheet HTML 20Page - Dallas Semiconductor DS1689S/T Datasheet HTML 21Page - Dallas Semiconductor DS1689S/T Datasheet HTML 22Page - Dallas Semiconductor DS1689S/T Datasheet HTML 23Page - Dallas Semiconductor DS1689S/T Datasheet HTML 24Page - Dallas Semiconductor DS1689S/T Datasheet HTML 25Page - Dallas Semiconductor DS1689S/T Datasheet HTML 26Page - Dallas Semiconductor DS1689S/T Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DS1689/DS1693
23 of 36
ELAPSED TIME COUNTERS
The DS1689/DS1693 has two 32-bit elapsed time counters, which reside in bank 1 of the RTC registers.
To access these counters the DV0 bit in register A must first be set to a logical 1.
The VCC powered elapsed time counter resides in register 54H through 57H. The LSB of this counter
resides in register 54 and the MSB is in 57H. The VCC powered elapsed time counter runs only while the
VCCI input is within nominal limits. The elapsed time counter is a binary counter that records the number
of seconds that have elapsed. The counter can be read or written at the user’s discretion. The VBAT-
powered elapsed time counter resides in register 58H through 5BH. The LSB of this counter resides in
register 58 and the MSB is in 5BH.
The VBAT powered elapsed time counter runs continually as long as the VBAT or VBAUX pin is within
nominal limits regardless of the condition of VCCI. The number of seconds that have elapsed is recorded
in a binary counter and the counter can be read or written at the user’s discretion.
In a typical application, the VBAT-powered elapsed time counter can be used to record the length of time
that has elapsed from which the equipment that contains the device was first put into service. The VCC
powered counter can then be used to record the length of time that VCC power is applied. These functions
can be particularly useful for warranty and maintenance information. In addition, battery life can be
predicted based on known loading factors. However, it is worth noting that a properly selected battery
should power the DS1689/DS1693 and external RAM for the useful life of most equipment.
POWER-CYCLE COUNTER
The DS1689/DS1693 has a 16-bit power-cycle counter that resides in register 5C and 5D of bank 1. The
LSB of this counter resides in 5C and the MSB is in 5D. This binary counter is incremented by one count
each time VCCI power is applied within nominal limits. This counter can be read or written at the user’s
discretion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com