Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS1689S/T
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/T Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS1689S/T Datasheet HTML 18Page - Dallas Semiconductor DS1689S/T Datasheet HTML 19Page - Dallas Semiconductor DS1689S/T Datasheet HTML 20Page - Dallas Semiconductor DS1689S/T Datasheet HTML 21Page - Dallas Semiconductor DS1689S/T Datasheet HTML 22Page - Dallas Semiconductor DS1689S/T Datasheet HTML 23Page - Dallas Semiconductor DS1689S/T Datasheet HTML 24Page - Dallas Semiconductor DS1689S/T Datasheet HTML 25Page - Dallas Semiconductor DS1689S/T Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
DS1689/DS1693
22 of 36
Extended Control Register 4B
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ABE
E32K
CS
RCE
PRS
RIE
WIE
KSE
Bit 7: ABE (Auxiliary Battery Enable). This bit, when written to logic 1, enables the VBAUX pin for
extended functions.
Bit 6: E32K (Enable 32.768kHz Output). This bit, when written to logic 1, enables the 32,768Hz
oscillator frequency to be output on the SQW pin provided SQWE = 1.
Bit 5: CS (Crystal Select). When CS is set to 0, the oscillator is configured for operation with a crystal
that has a 6pF specified load capacitance. When CS = 1, the oscillator is configured for a 12.5pF crystal.
Bit 4: RCE (RAM Clear Enable). When set to a 1, this bit enables a low level on pin 4 (
RCLR) to clear
all 114 bytes of user RAM. When RCE = 0, the RAM clear function is disabled.
Bit 3: PRS (PAB Reset Select). When set to 0 the
PWR pin is set high impedance when the DS1689
goes into power-fail. When set to 1, the
PWR pin remains active upon entering power-fail.
Bit 2: RIE (RAM Clear Interrupt Enable). When RIE is set to 1, the
IRQ pin is driven low when a
RAM clear function is completed.
Bit 1: WIE (Wake-Up Alarm Interrupt Enable). When VCC voltage is absent and WIE is set to 1, the
PWR pin is driven active low when a wake-up condition occurs, causing the WF bit to be set to 1. When
VCC is then applied, the IRQ pin is also driven low. If WIE is set while system power is applied, both IRQ
and
PWR are driven low in response to WF being set to 1. When WIE is cleared to 0, the WF bit has no
effect on the
PWR or IRQ pins.
Bit 0: KSE (Kickstart Interrupt Enable). When VCC voltage is absent and KSE is set to 1, the PWR pin
is driven active low when a kickstart condition occurs (
KS pulsed low), causing the KF bit to be set to 1.
When VCC is then applied, the IRQ pin is also driven low. If KSE is set to 1 while system power is
applied, both
IRQ and PWR are driven low in response to KF being set to 1. When KSE is cleared to 0,
the KF bit has no effect on the
PWR or IRQ pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com