Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1689S/T
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/T Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1689S/T Datasheet HTML 1Page - Dallas Semiconductor DS1689S/T Datasheet HTML 2Page - Dallas Semiconductor DS1689S/T Datasheet HTML 3Page - Dallas Semiconductor DS1689S/T Datasheet HTML 4Page - Dallas Semiconductor DS1689S/T Datasheet HTML 5Page - Dallas Semiconductor DS1689S/T Datasheet HTML 6Page - Dallas Semiconductor DS1689S/T Datasheet HTML 7Page - Dallas Semiconductor DS1689S/T Datasheet HTML 8Page - Dallas Semiconductor DS1689S/T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1 of 36
REV: 112105
FEATURES
Incorporates Industry Standard DS1287 PC
Clock Plus Enhanced Features:
+3V or +5V Operation
64-Bit Silicon Serial Number
64-Bit Customer Specific ROM or
Additional Serial Number Available
Power Control Circuitry Supports System
Power-On from Date/Time Alarm or Key
Closure
Automatic Battery Backup and Write
Protection to External SRAM
Crystal Select Bit Allows RTC to Operate
with 6pF or 12.5pF Crystal
114 Bytes User NV RAM
Auxiliary Battery Input
RAM Clear Input
Century Register
32kHz Output for Power Management
32-Bit VCC Powered Elapsed Time Counter
32-Bit VBAT Powered Elapsed Time Counter
16-Bit Power Cycle Counter
Compatible with Existing BIOS for Original
DS1287 Functions
Available as IC (DS1689) or Stand-Alone
Module with Embedded Battery and Crystal
(DS1693)
Available in Industrial Temperature
Version
Timekeeping Algorithm Includes Leap Year
Compensation Valid Up to 2100
PIN CONFIGURATIONS
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V)
PIN-PACKAGE
TOP MARK*
DS1689S
0
°C to +70°C
3 to 5
28 SO (0.330
″)
DS1689S
DS1689S+
0
°C to +70°C
3 to 5
28 SO (0.330
″)
DS1689S
DS1689SN
-40
°C to +85°C
3 to 5
28 SO (0.330
″)
DS1689S
DS1689SN+
-40
°C to +85°C
3 to 5
28 SO (0.330
″)
DS1689S
DS1689S/T&R
0
°C to +70°C
3 to 5
28 SO (0.330
″)/Tape & Reel
DS1689S
DS1689S+T&R
0
°C to +70°C
3 to 5
28 SO (0.330
″)/Tape & Reel
DS1689S
DS1689SN/T&R
-40
°C to +85°C
3 to 5
28 SO (0.330
″)/Tape & Reel
DS1689S
DS1689SN+T&R
-40
°C to +85°C
3 to 5
28 SO (0.330
″)/Tape & Reel
DS1689S
DS1693
0
°C to +70°C
3 to 5
28 EDIP (0.740
″)
DS1693
+ Denotes a lead-free/RoHS-compliant device.
* A “+” anywhere on the top mark denotes a lead-free/RoHS-compliant device. An “N” denotes an industrial temperature device.
DS1689/DS1693
3V/5V Serialized Real-Time Clocks
with NV RAM Control
www.maxim-ic.com
Encapsulated DIP
(740 Mils)
13
27
N.C.
AD0
AD2
AD3
AD4
AD5
AD6
AD7
GND
PWR
CEI
VCCO
SQW
N.C.
IRQ
PSEL
RD
N.C.
WR
ALE
KS
CS
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
15
16
N.C.
RCLR
AD1
VBAUX
CEO
VCCI
VBAUX
SO
(330 Mils)
13
27
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
15
16
CEI
VCCO
SQW
VBAT
IRQ
PSEL
RD
GND
WR
ALE
KS
CS
CEO
VCCI
X2
AD0
AD2
AD3
AD4
AD5
AD6
AD7
GND
PWR
X1
RCLR
AD1


Similar Part No. - DS1689S/T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1689S/T&R MAXIM-DS1689S/T&R Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results

Similar Description - DS1689S/T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com