Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
L9826
10/12
APPLICATION INFORMATION
The typical application diagram is shown in Fig. 5.
Figure 5. Typical Application Circuit Diagram for the L9826 Circuit.
For higher current driving capability two outputs of the same kind can be paralleled. In this case the maximum
flyback energy should not exceed the limit value for single output.
The immunity of the circuit with respect to the transients at the output is verified during the characterization for
Test Pulses 1, 2 and 3a, 3b, DIN40839 or ISO7637 part 3. The Test Pulses are coupled to the outputs with
200pF series capacitor. All outputs withstand testpulses without damage.
The correct function of the circuit with the Test Pulses coupled to the outputs is verified during the characteriza-
tion for the typical application with R = 30
Ω to 100Ω, L= 0 to 600mH loads. The Test Pulses are coupled to the
outputs with 200pF series capacitor.
CC
V
BAT
V
R, L loads
µP
L9826
L9826
VOLTAGE
REGULATOR
NCS
SDI
CLK
SDO
NON1
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
GND
Diag1
Diag8
nRES
Q1
CH1
Diag1
+
-
CH7
Diag7
Q7
Q1
Q8
CH3
Diag3
Q3
+
-
CH4
CH5
CH6
CH2
NON2
Diag2
Diag4
Q4
Diag5
Q5
Diag6
Q6
Q8
CH8
Diag8
Fault Latch
Q2
Reset
R
S
Latch / Driver
Reset
Undervoltage
RE SET
3
1
2
S
R
Latch / Driver
Q2
Q3
Q4
Q5
Q6
Q7
Diag2
Diag3
Diag4
Diag5
Diag6
Diag7
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VDG
IOL
IOL
VDG
Overtemperature Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com