Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 2Page - STMicroelectronics L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
L9826
6/12
FUNCTIONAL DESCRIPTION
General
The L9826 integrated circuit features 8 power low-side-driver outputs. Data is transmitted to the device using
the Serial Peripheral Interface, SPI protocol. Outputs 1 and 2 can be controlled parallel or serial. The power
outputs features voltage clamping function for flyback current recirculation and are protected against short cir-
cuit to Vbat.
The diagnostics recognizes two outputs fault conditions: 1) overcurrent for outputs 3 to 8 , overcurrent and ther-
mal overload for outputs 1 and 2 in switch-on condition and 2) open load or short to GND in switch-off condition
for all outputs. The outputs status can be read out via the serial interface.
The chip internal reset is a OR function of the external nRes signal and internally generated undervoltage nRes
signal.
Output Stages Control
Each output is controlled with its latch and with common reset line, which enables all eight outputs. Outputs 1
and 2 can be controlled also by its NON1, NON2 inputs. It allows PWM control independently on the SPI. These
inputs features internal pull-up resistors to assure that the outputs are switched off, when the inputs are open.
The control data are transmitted via the SDI input, the timing of the serial interface is shown in Fig. 1.
The device is selected with low NCS signal and the input data are transferred into the 8 bit shift register at every
falling CLK edge. The rising edge of the NCS latches the new data from the shift register to the drivers.
thclcl
CLK change L/H after NCS =
low
100
ns
tscld
SDI input setup time
CLK change H/L after SDI data
valid
20
ns
thcld
SDI input hold time
SDI data hold after CLK change H/L
20
ns
tsclcl
CLK low before NCS high
150
ns
thclch
CLK high after NCS high
150
ns
tpchdz
NCS L/H to output data float
100
ns
NCS pulse filter time
Multiple of 8 CLK cycles inside
NCS period
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com