Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 2 Page - STMicroelectronics

  L9826 Datasheet HTML 1Page - STMicroelectronics L9826 Datasheet HTML 2Page - STMicroelectronics L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
L9826
2/12
PIN FUNCTION
PIN CONNECTIONS (Top view)
N°
Pin
Description
1
Out 6
output 6
2
Out 1
output 1
3
nRes
asynchronous nRes
4
NCS
chip select (active low)
5
GND
device ground
6
GND
device ground
7
NON1
control input 1
8
SDO
serial data output
9
Out 8
output 8
10
Out 3
output 3
11
Out 5
output 5
12
Out 2
output 2
13
SDI
serial data input
14
CLK
serial clock
15
GND
device ground
16
GND
device ground
17
NON2
control input 2
18
VCC
supply voltage
19
Out 7
output 7
20
Out 4
output 4
OUT6
OUT1
nRES
NCS
GND
NON1
GND
SDO
OUT8
OUT2
SDI
CLK
GND
GND
NON2
Vcc
OUT7
OUT4
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
OUT3
OUT5
PINCON_L9826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com