Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 3 Page - STMicroelectronics

  L9826 Datasheet HTML 1Page - STMicroelectronics L9826 Datasheet HTML 2Page - STMicroelectronics L9826 Datasheet HTML 3Page - STMicroelectronics L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
L9826
ABSOLUTE MAXIMUM RATINGS
For voltages and currents applied externally to the device
Notes: 1. All inputs are protected against ESD according to MIL 883C; tested with HBM at 2KV. It corresponds to a dissipated energy E £
0,2mJ.
2. Transient pulses in accordance to DIN40839 part 1, 3 and ISO 7637 Part 1, 3.
For currents determined within the device:
3. When operating the device with short circuit at more than 2 outputs at the same time, damage due to electrical overstress may
occur.
THERMAL DATA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
-0.3
7
V
Inputs and data lines
(NONx, NCS, CLK, SDI, nRes)
VIN
Voltage
(NONx, NCS, CLK, SDI, nRes)
-0.3
7
V
IIN
Protection diodes current 1)
T
≤ 1ms
-20
20
mA
Outputs (Out1 ... Out8)
VOUTc
Continuous output voltage
-1,0
45
V
IOUT
Output current 2)
-2
1,0
A
EOUTcl
Output clamp energy
IOUT ≤ 250mA
10
mJ
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Outputs (Out1 ... Out8)
IOUT
Output current (Out1 ... Out8)
1,0
A
i = 1-8
Total average-current all outputs
3)
2.0
A
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Thermal shutdown
TJSC
Thermal shutdown threshold
150
165
°C
Thermal resistance
RthjA-one
Single output (junction ambient)
90
°C/W
RthjA-all
All outputs (junction ambient)
75
°C/W
Rthj-pin
Junction to Pin
18
°C/W
I
OUT i
∑



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com