Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9826 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 4Page - STMicroelectronics L9826 Datasheet HTML 5Page - STMicroelectronics L9826 Datasheet HTML 6Page - STMicroelectronics L9826 Datasheet HTML 7Page - STMicroelectronics L9826 Datasheet HTML 8Page - STMicroelectronics L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
L9826
11
0
11
20
A
e
B
D
E
L
K
H
A1
C
SO20MEC
h x 45˚
SO20
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.3
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.6
13
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
K
0˚ (min.)8˚ (max.)
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com