Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8368SSC-R1D Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # PN8368SSC-R1D
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8368SSC-R1D Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  PN8368SSC-R1D Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PN8368
Chipown
www.chipown.com
© 2017 Wuxi Chipown Microelectronics Limited
Rev.1710
Oct.-2017
3 / 12
Absolute Maximum Ratings
Supply voltage Pin VDD……………….………-0.3~40V
Pin FB, CS…………………………….…………-0.3~5.5V
High-Voltage Pin, SW………………...….……. -0.3~650V
Operating Junction Temperature….….....….….-40~150℃
Storage Temperature Range……………...…. ….-55~150℃
Lead Temperature (Soldering, 10Secs)……………...260℃
Package Thermal Resistance RθJC(SOP-7)….….80℃/W
HBM ESD Protection (1) ………….………..…...….
±4kV
Pulse Drain Current(Tpulse=100us)………….…..…..…2A
Note:1.Test standard: ESDA/JEDEC JDS-001-2014。
Electrical Characteristics
(TA = 25°C, V
DD = 21 V, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Section
Break-down voltage
BVDSS
ISW =250uA, TJ = 25℃
650
700
V
Drain-source on state
resistance
RDS(on)
ISW = 0.8A , TJ = 25℃
4.5
Ω
Off-state drain current
IOFF
Vsw =500V
100
uA
Start up threshold
VSW_START
VDD=VDDon - 1V
30
V
Supply Voltage Section
Operating voltage range
VDD
8
30
V
VDD start up threshold
VDDon
14.5
16.5
18.5
V
VDD under voltage
shutdown threshold
VDDoff
7.5
8.5
9.5
V
VDD over voltage
protection
VDDovp
30
34
38
V
Supply Current Section
VDD charge current
IDD_CH
VDD=VDDon - 1V, Vsw=100V
0.85
mA
Operating current,
switching
IDD
VDD = VDDon +1V
0.3
0.5
0.7
mA
Operating current after
fault
IDD_FAULT
VDD=15V after fault
0.5
mA
Current Sense Section
Current sense threshold
VTH_OC
485
500
515
mV
Maximum Current sense
threshold
VTH_OC_MAX
550
mV
Minimum CS threshold
Vcs_min
170
mV
Leading Edge Blanking
time
TLEB
300
ns
Maximum Ton
Tonmax
50
us
OCP propagation delay
TD_OC
100
ns
FB Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com