Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8368SSC-R1D Datasheet(PDF) 6 Page - Wuxi Chipown Micro-electronics limited

Part # PN8368SSC-R1D
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8368SSC-R1D Datasheet(HTML) 6 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8368SSC-R1D Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PN8368
Chipown
www.chipown.com
© 2017 Wuxi Chipown Microelectronics Limited
Rev.1710
Oct.-2017
6 / 12
Functional Description
The PN8368 is a high performance CC/CV
primary-side
controller.
PN8368
operates
in
primary-side sensing and regulation, so opto-coupler
and TL431 could be eliminated. Proprietary built-in
CV and CC control can achieve high precision
CC/CV control meeting most charger and adaptor
application requirements. Internal HV Start-up
circuit and the chip’s low consumption help the
system to meet strict standby power standard.
1. HV Start up Control
At start up, the internal high-voltage start-up
circuit provides the internal bias and charges the
external VDD capacitor, so that PN8368 starts up
quickly. When VDD reaches VDDon, the device starts
switching and the internal high-voltage current source
stops charging the capacitor. The device keeps in
normal operation provided as long as VDD keeps
above VDDoff. After startup, the bias is supplied from
the auxiliary transformer winding, the current of HV
start-up circuit is designed to be very low so that the
power consumption is very low.
2. CC Operation Mode
In CC operation mode, the PN8368 captures the
auxiliary flyback signal at FB pin through a resistor
dividing-network. The pulse width of the auxiliary
flyback signal determines the PN8368 oscillator
frequency. The higher the output voltage is, the
shorter the pulse width is, and the higher the chip
oscillator frequency is, thus the constant output
current can be achieved.
The current waveform of DCM mode is shown
in Figure 1. During MOSFET turn-on time, the
current in the primary winding (Ipri) ramps up. When
MOSFET turns off, the energy stored in the primary
winding is transferred to the secondary side, so the
peak current in the secondary winding is
ps
pk
pri
pk
N
I
I
×
=
_
sec_
(
1)
The output current is
P
demag
sense
CS
PS
P
demag
pk
O
T
T
R
V
N
T
T
I
I
2
1
2
sec_
=
×
=
(
2)
Because Vipk is constant and Tp is equal to tow
times Tdemag, the output current Io is constant.
Figure 1 The current waveform of DCM mode
3. CV Operation Mode
In CV mode,PN8368 uses a pulse to sample VFB
and it is hold until the next sampling. The sampled
voltage is compared with VREF_CV and the error is
amplified. The error amplified output reflects the load
condition and controls the switching off time to
regulate the output voltage, thus constant output
voltage can be achieved.
The relationship between the output voltage
and VREF_CV is
AUX
S
CV
REF
N
N
R
R
R
V
Vo
×
+
×
=
)
2
2
1
(
_
(
3)
S
N
means Secondary winding,
AUX
N
means Auxiliary winding
The PN8368 operates in PFM_QR mode during
full load mode, since the peak current (Ipeak) of
MOSFET is constant, the chip frequency decreases
while the output current decreases. When the
switching frequency approaches to 25kHz, the
PN8368 enters PWM_QR mode, the chip frequency
decreases slowly while the output current decreases,
the Ipeak decreases while the output current
decreases. Therefore the PN8368 can avoid audible
noise, while achieving high efficiency at 25% load
conditions. When Vcs decreases to 170mV, the
PN8368 enters Standby mode. In this mode, Ipeak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com