Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8368SSC-R1D Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # PN8368SSC-R1D
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8368SSC-R1D Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  PN8368SSC-R1D Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PN8368
Chipown
www.chipown.com
© 2017 Wuxi Chipown Microelectronics Limited
Rev.1710
Oct.-2017
2 / 12
Pin Definitions
Pin Name
Pin Number
Pin Function Description
VDD
1
Power supply
NC
2
No connection
FB
3
The voltage feedback from auxiliary winding.
Connected to resistor divider from auxiliary
winding reflecting output voltage.
CS
4
Current Sense Input
SW
5,6
Avalanche-rugged power MOSFET Drain pin.
The Drain pin is connected to the primary lead
of the transformer.
GND
7
Ground
Typical power
Adapter
(1)
Part Number
Package
85-265 VAC
PN8368
SOP-7
8W
Note:
1. Maximum output power is tested in an adapter at 45°C ambient temperature, with enough cooling conditions.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com