Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8368SSC-R1D Datasheet(PDF) 4 Page - Wuxi Chipown Micro-electronics limited

Part # PN8368SSC-R1D
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8368SSC-R1D Datasheet(HTML) 4 Page - Wuxi Chipown Micro-electronics limited

  PN8368SSC-R1D Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PN8368
Chipown
www.chipown.com
© 2017 Wuxi Chipown Microelectronics Limited
Rev.1710
Oct.-2017
4 / 12
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage for
feedback threshold
VREF_CV
2.475
2.5
2.525
V
Output over voltage
protection threshold
VFBOVP
2.85
3
3.15
V
Output under voltage
threshold
VUVP
1.55
V
Maximum cable
compensation current
Icable
VFB=0V
22
24
26
uA
Minimum Toff
Toffmin
5
us
Maximum Toff
Toffmax
2.2
ms
Output under voltage
protection Blanking time
TUVP
FSW= 50kHz
40
64
ms
Thermal Section
Thermal shutdown
temperature threshold
TSD
135
150
°C
Thermal shutdown
hysteresis
THYST
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com