Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8368SSC-R1D Datasheet(PDF) 7 Page - Wuxi Chipown Micro-electronics limited

Part # PN8368SSC-R1D
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8368SSC-R1D Datasheet(HTML) 7 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8368SSC-R1D Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited PN8368SSC-R1D Datasheet HTML 11Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PN8368
Chipown
www.chipown.com
© 2017 Wuxi Chipown Microelectronics Limited
Rev.1710
Oct.-2017
7 / 12
keeps around constant, the chip oscillator frequency
decreases while the output current decreases. Figure 2
illustrates the relations of the switching frequency,
Ipeak and Loading for PN8368.
Figure 2 The Switching Frequency, Vipeak VS. LOAD
4. Current Sensing and Leading Edge
Blanking
Cycle-by-Cycle current limiting is offered in
PN8368. The switch current is detected by a sense
resistor at CS pin. The CC set-point and maximum
output power can be externally adjusted by external
current sense resistor at CS pin. An internal leading
edge blanking circuit chops off the sensed voltage
spike at initial power MOSFET on-state so that the
external RC filtering on sense input is no longer
needed.
5. Programmable Cable Drop
Compensation
In PN8368, an offset voltage is generated at FB
pin by an internal current flowing into the divider
resister, as shown in Figure 3. The Cable Drop
Compensation block compensates the voltage drop
across the cable. As the load current decreases from
full load to no load, the voltage drop across the cable
decreases. It can be programmed by adjusting the
external resistor R2 or R1 at FB pin. The maximum
compensation is
V
R
R
I
V
V
cable
O
cable
5
.
2
)
1
//
2
(
×
=
(
4)
Because of the influence of the chip’s sampling
position and devices of the system, the actual
maximum compensation is less than theoretical value.
Figure 3 Icable
6. Reference Negative Temperature
Compensation
As shown in Figure 3, the voltage of FB pin is
()
S
AUX
O
FB
N
R
R
N
R
K
V
V
K
V
×
+
×
=
Δ
+
=
)
2
1
(
2
,
(
5)
Where
V
Δ
has a negative temperature coefficient,
K is a constant.
In PN8368, the voltage reference uses the
negative temperature compensation technology. At
room temperature, the voltage reference is 2.5V. The
voltage reference (VREF_CV) decreases while the
temperature of chip increases. The reference negative
temperature compensation block compensates the
V
Δ , thus the output voltage keeps constant at full
range of temperature. The reference negative
temperature compensation improves output precision.
7. Quasi-Resonant Switching
The PN8368 incorporates a unique proprietary
quasi-resonant switching scheme that achieves
valley-mode turn on for every switching cycle in CV
mode. This unique feature greatly reduces the
switching loss. The actual switching frequency can
vary slightly cycle by cycle, providing the additional
benefit of reducing EMI.
Figure 4 QR Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com