Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-06-R Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # S02-06-R
Description  Shield Termination
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S02-06-R Datasheet(HTML) 2 Page - TE Connectivity Ltd

  S02-06-R Datasheet HTML 1Page - TE Connectivity Ltd S02-06-R Datasheet HTML 2Page - TE Connectivity Ltd S02-06-R Datasheet HTML 3Page - TE Connectivity Ltd S02-06-R Datasheet HTML 4Page - TE Connectivity Ltd S02-06-R Datasheet HTML 5Page - TE Connectivity Ltd S02-06-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8-45
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Shield Termination
SolderSleeve Shield Terminators (Continued)
Table A. CWT Series
(125°C [257°F] rated)
Cable OD
Part Nos.
Jacket
Shield
No Preinstalled
With Preinstalled Lead
OD Max.
OD Min.
Lead
(22AWG/0.38 mm2 green)
1.7 [.065]
0.9 [.035]
CWT-3801
—
1.95 [.075]
1.1 [.043]
CWT-3802
—
2.7 [.105]
1.5 [.059]
CWT-3
CWT-3-W122-5
4.5 [.180]
2.0 [.079]
CWT-5
CWT-5-W122-5
6.0 [.235]
3.3 [.130]
CWT-6
CWT-6-W122-5
7.0 [.275]
3.3 [.130]
CWT-7
CWT-7-W122-5
8.7 [.340]
4.5 [.177]
CWT-9
CWT-9-W122-5
10.7 [.420]
4.5 [.177]
CWT-11
CWT-11-W122-5
13.0 [.510]
7.0 [.276]
CWT-13
CWT-13-W122-5
*See Table G on page 8-47 for lead description.
Note: The CWT series is suitable for applications using low-temperature wires (typically rated at 85°C [185°F] to 125°C [257°F]) with bare copper or tin plating.
Cable OD
Part Nos.
No
Preinstalled Lead Option*
Braid Strap
Jacket OD
Shield OD
Preinstalled
Max.
Min.
Lead
20 AWG
22 AWG
24 AWG
26 AWG
Nickel Plated
Tin Plated
1.95 [0.075]
0.90 [.035]
SO63-1-00
SO63-1-55-20-90
SO63-1-55-22-90
SO63-1-55-24-90
SO63-1-55-26-90
SO63-1-01
SO63-1-9030
2.7 [0.105]
1.40 [.055]
SO63-2-00
SO63-2-55-20-90
SO63-2-55-22-90
SO63-2-55-24-90
SO63-2-55-26-90
SO63-2-01
SO63-2-9030
4.3 [0.170]
2.15 [.085]
SO63-3-00
SO63-3-55-20-90
SO63-3-55-22-90
SO63-3-55-24-90
SO63-3-55-26-90
SO63-3-01
SO63-3-9030
6.0 [0.235]
3.30 [.130]
SO63-4-00
SO63-4-55-20-90
SO63-4-55-22-90
SO63-4-55-24-90
SO63-4-55-26-90
SO63-4-01
SO63-4-9030
7.0 [0.275]
4.30 [.170]
SO63-5-00
SO63-5-55-20-90
SO63-5-55-22-90
SO63-5-55-24-90
SO63-5-55-26-90
SO63-5-01
SO63-5-9030
*See Table G on page 8-47 for lead description. Color of wire lead is denoted by the last two digits of the part number as follows:
90 = White with a black stripe
9 = White
0 = Black
6 = Blue (24 AWG only)
5 = Green (20, 22, 24 AWG)
The SO63 series is immersion resistant, features the Raychem BiAlloy temperature indication system, and meets the performance requirements of
SAE-AS83519 (formerly MIL-S-83519) .
BiAlloy Temperature
Indication System
This system greatly enhances the reliability and repeatabil-
ity of SO63 series terminators while reducing installed cost.
The heat-shrinkable thermoplastic sleeve contains a pre-
cisely engineered, fluxed solder band that is visible through
the sleeve. The band provides exactly the amount of solder
and flux required to terminate the ground lead to the cable
shield. Encircling the band is a small temperature indicator
ring. This ring melts only when the surfaces to be joined
have reached the correct soldering temperature, thus
ensuring a properly soldered connection. Process control is
built into each sleeve.
Table B. SO63 Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com