Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-06-R Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # S02-06-R
Description  Shield Termination
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S02-06-R Datasheet(HTML) 3 Page - TE Connectivity Ltd

  S02-06-R Datasheet HTML 1Page - TE Connectivity Ltd S02-06-R Datasheet HTML 2Page - TE Connectivity Ltd S02-06-R Datasheet HTML 3Page - TE Connectivity Ltd S02-06-R Datasheet HTML 4Page - TE Connectivity Ltd S02-06-R Datasheet HTML 5Page - TE Connectivity Ltd S02-06-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8-46
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Shield Termination
SolderSleeve Shield Terminators (Continued)
Cable OD
Part No. (MIL Part Number and Raychem Part No.) by Lead Option
Preinstalled Lead Option*
Jacket OD
Shield OD
No Preinstalled Lead
20 AWG
22 AWG
Max
Min
MIL
Raychem
MIL
Raychem
MIL
Raychem
1.95 [0.075]
0.9 [.035]
M83519/1-1
S01-01-R
M83519/2-1
S02-01-R
M83519/2-6
S02-06-R
2.7[0.105]
1.40 [.055]
M83519/1-2
S01-02-R
M83519/2-2
S02-02-R
M83519/2-7
S02-07-R
4.3 [0.170]
2.15 [.085]
M83519/1-3
S01-03-R
M83519/2-3
S02-03-R
M83519/2-8
S02-08-R
6.0 [0.235]
3.30 [.130]
M83519/1-4
S01-04-R
M83519/2-4
S02-04-R
M83519/2-9
S02-09-R
7.0 [0.275]
4.30 [.170]
M83519/1-5
S01-05-R
M83519/2-5
S02-05-R
M83519/2-10
S02-10-R
Jacket OD
Shield OD
Preinstalled Lead Option*
Max.
Min.
24 AWG
26 AWG
1.95 [0.075]
0.9 [.035]
M83519/2-11
S02-11-R
M83519/2-16
S02-16-R
2.7 [0.105]
1.40 [.055]
M83519/2-12
S02-12-R
M83519/2-17
S02-17-R
4.3[0.170]
2.15 [.085]
M83519/2-13
S02-13-R
M83519/2-18
S02-18-R
6.0 [0.235]
3.30 [.130]
M83519/2-14
S02-14-R
M83519/2-19
S02-19-R
7.0 [0.275]
4.30 [.170]
M83519/2-15
S02-15-R
M83519/2-20
S02-20-R
*See Table G for lead description.
M83519 is the qualified product listed in SAE-AS83519 (formerly MIL-S-83519) . The series features a thermochromic temperature indicator to assist in termi-
nation and inspection. The Raychem part number is permanently marked on the sleeve.
Thermochromic Temperature Indicator
The M83519 (S01 and S02) series terminators contain
a colored thermochromic temperature indicator that
exhibits a distinct color change when surfaces have
reached wetting temperature. This color change gives both
manufacturing and Quality Control an aid in the inspection
of the completed termination.
Table C. S01/S02 M83519
Series
Thermochromic Temperature Indicator
The S03 series terminators contain a colored ther-
mochromic temperature indicator that exhibits a
distinct color change when surfaces have reached wetting
temperature. This color change gives both Manufacturing
and Quality Control an aid in the inspection of the
completed termination.
Table D. S03 Series
Cable OD
Part No.
Preinstalled Lead Option*
Jacket OD
Shield OD
Max.
Min.
Tin plated Braid Strap
Nickel plated Braid Strap
1.95 [0.075]
0.9 [.035]
S03-01-R
S03-06-R
2.7 [0.105]
1.40 [.055]
S03-02-R
S03-07-R
4.3 [0.170]
2.15 [.085]
S03-03-R
S03-08-R
6.0 [0.235]
3.30 [.130]
S03-04-R
S03-09-R
7.0 [0.275]
4.30 [.170]
S03-05-R
S03-10-R
*See Table G for lead description.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com