Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-06-R Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # S02-06-R
Description  Shield Termination
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S02-06-R Datasheet(HTML) 4 Page - TE Connectivity Ltd

  S02-06-R Datasheet HTML 1Page - TE Connectivity Ltd S02-06-R Datasheet HTML 2Page - TE Connectivity Ltd S02-06-R Datasheet HTML 3Page - TE Connectivity Ltd S02-06-R Datasheet HTML 4Page - TE Connectivity Ltd S02-06-R Datasheet HTML 5Page - TE Connectivity Ltd S02-06-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8-47
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Shield Termination
SolderSleeve Shield Terminators (Continued)
Cable OD
Part No.
Preinstalled Lead Option*
Jacket OD
Shield OD
No
Max.
Min.
Preinstalled Lead
22 AWG
Braid Strap
1.95 [0.075]
0.9 [.035]
SO96-1-00
SO96-1-55-22-90
SO96-1-01
2.7 [0.105]
1.40 [.055]
SO96-2-00
SO96-2-55-22-90
SO96-2-01
4.3 [0.170]
2.15 [.085]
SO96-3-00
SO96-3-55-22-90
SO96-3-01
6.0 [0.235]
3.30 [.130]
SO96-4-00
SO96-4-55-22-90
SO96-4-01
7.0 [0.275]
4.30 [.170]
SO96-5-00
SO96-5-55-22-90
SO96-5-01
*See Table G for lead description.
The SO96 series is designed for high-temperature applications with operating temperature requirements up to 200°C [392°F]. This series features a ther-
mochromic temperature indicator and meets performance requirements of SAE-AS83519 (formerly MIL-S-83519) . The solder is Sn96 with RA flux compatible
with nickel-plated shields.
Table G. Preinstalled Lead
Description
Series
Lead Type
Remarks
Plating
Stranding
Min. Length
M83519, SO63
55A0111
MIL-W-22759/32
Tin
Stranded
150 [6.00]
SO96, SO175
55A0813
MIL-W-22759/41
Nickel
Stranded
150 [6.00]
SO63, SO96, S03
Braid strap
Uninsulated
Nickel
40 x 38 AWG
150 [6.00]
CWT
XL polyethylene
UL Listed
Tin
Stranded (W1)
150 [6.00]
SO63, S03
Braid Strap
Uninsulated
Tin
Stranded
150 [6.00]
Cable OD
Part No.
Preinstalled Lead Option*
Jacket OD
Shield OD
No
Max.
Min.
Preinstalled Lead
22 AWG
Braid Strap
1.95 [0.075]
0.90 [0.035]
SO175-1-00
SO175-1-1-55-22-90
SO175-1-01
2.7 [0.105]
1.40 [0.055]
SO175-2-00
SO175-2-1-55-22-90
SO175-2-01
4.3 [0.170]
2.15 [0.085]
SO175-3-00
SO175-3-1-55-22-90
SO175-3-01
6.0 [0.235]
3.30 [0.130]
SO175-4-00
SO175-4-1-55-22-90
SO175-4-01
7.0 [0.275]
4.30 [0.170]
SO175-5-00
SO175-5-1-55-22-90
SO175-5-01
*See Table G for lead description.
Thermochromic
Temperature Indicator
The SO96 series terminators contain a colored ther-
mochromic temperature indicator that exhibits a
distinct color change when surfaces have reached
wetting temperature. This color change gives both manu-
facturing and Quality Control an aid in the
inspection of the completed termination.
Table E. SO96 Series
(175°C [347°F] rated)
BiAlloy Temperature Indication System
This system greatly enhances the reliability and
repeatability of SO175 series terminators while reducing
installed cost. The temperature indicator ring, encircling the
solder preform, melts to indicate the very minimum amount
of heat.
Table F. SO175 Series
(175°C [347°F] rated)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com