Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-06-R Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # S02-06-R
Description  Shield Termination
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S02-06-R Datasheet(HTML) 1 Page - TE Connectivity Ltd

  S02-06-R Datasheet HTML 1Page - TE Connectivity Ltd S02-06-R Datasheet HTML 2Page - TE Connectivity Ltd S02-06-R Datasheet HTML 3Page - TE Connectivity Ltd S02-06-R Datasheet HTML 4Page - TE Connectivity Ltd S02-06-R Datasheet HTML 5Page - TE Connectivity Ltd S02-06-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8-44
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Shield Termination
SolderSleeve Shield Terminators
Product Selection Process
1. Select product series
from the Product Options
table below.
2. Determine cable
dimensions.
3. Optional: Select prein-
stalled wire lead type
(see Table G on page
8-47 for type
descriptions).
4. Select part number (use
the selection table indi-
cated for your product
series in the Product
Options table below).
5. Refer to Table H on page
8-49 for cross-reference
information.
Product Options (Refer to Table G on Page 8-47 for Additional Information)
System Oper.
Used on
Part No.
Product
Temperature
Cables Rated
Environmental
Solder
Flux
Insulation
Selection
Series
(Max.)
(Min.)
Protection
Alloy
Type
Material
Table
CWT
125°C [257°F]
85°C [185°F]
Splash resistant
Cd18
RA
Polyolefin
A
SO63*
150°C [302°F]
125°C [257°F]
Immersion resistant
Sn63
RMA
Polyvinylidene fluoride
B
S01/S02**, S03
150°C [302°F]
125°C [257°F]
Immersion resistant
Sn63
RMA
Polyvinylidene fluoride
C, D
SO96***
175°C [347°F]
150°C [302°F]
Immersion resistant
Sn96
RA
Polyvinylidene fluoride
E
SO175****
175˚C [347°F]
150˚C [302°F]
Immersion resistant
Sn96
RA
Polyvinylidene fluoride
F
*Meets performance requirements of SAE-AS83519 (formerly MIL-S-83519) and NAS 1747, supplied with BiAlloy temperature indicator.
**Qualified to SAE-AS83519 (formerly MIL-S-83519), supplied with thermochromic temperature indicator.
***Meets performance requirements of SAE-AS83519 (formerly MIL-S-83519) and NAS 1747, supplied with thermochromic temperature indicator.
****Meets performance requirements of SAE-AS83519 (formerly MIL-S-83519), supplied with BiAlloy temperature indicator.
Note:
Cadmium-free option (B-152 series) is available for operating temperature of 125˚C [257˚F]. Consult Tyco Electronics for details.
Jacket OD (max.)
Shield OD (min.)
Product Facts
I Transparent insulation
sleeve provides
encapsulation,
inspectability, strain relief,
and insulation
I Prefluxed solder preform
provides a controlled
soldering process
I One-piece design offers
easy installation and lower
installed cost
I Optional preinstalled ground
leads provide convenience
and ease of installation
Applications
Used for shield-to-ground
termination.
Available in:
Americas
I
Europe
I
Asia Pacific
I


Similar Part No. - S02-06-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S02-01-R MACOM-S02-01-R Datasheet
107Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-02-R MACOM-S02-02-R Datasheet
107Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-03-R MACOM-S02-03-R Datasheet
107Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-04-R MACOM-S02-04-R Datasheet
107Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-05-R MACOM-S02-05-R Datasheet
107Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
More results

Similar Description - S02-06-R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
410-003-02 GLENAIR-410-003-02 Datasheet
29Kb / 1P
TAG Ring Shield Termination
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
Composite EMI/RFI Single Shield Termination Conduit Fitting
712S271XM GLENAIR-712S271XM Datasheet
258Kb / 2P
Composite Dual EMI/RFI Shield Termination Conduit Fitting
M24758-24C GLENAIR-M24758-24C Datasheet
52Kb / 1P
Multiple Shield Termination Adapter
GAP-027 GLENAIR-GAP-027 Datasheet
236Kb / 3P
319 SERIES SWING ARM CLAMP SHIELD SOCK TERMINATION PROCEDURE
600-057 GLENAIR-600-057 Datasheet
210Kb / 1P
Band-It짰 Shield Termination System
logo
Tyco Electronics
2-1194651-7 MACOM-2-1194651-7 Datasheet
113Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID
S02-07-R-92 MACOM-S02-07-R-92 Datasheet
38Kb / 1P
SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
logo
TE Connectivity Ltd
C-P40352 TEC-C-P40352 Datasheet
156Kb / 2P
SHIELD TERMINATION SPLIT SUPPORT RING, COMPOSITE
SO96-X-01 TEC-SO96-X-01 Datasheet
92Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID HIGH TEMPERATURE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com