Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-06-R Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # S02-06-R
Description  Shield Termination
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S02-06-R Datasheet(HTML) 5 Page - TE Connectivity Ltd

  S02-06-R Datasheet HTML 1Page - TE Connectivity Ltd S02-06-R Datasheet HTML 2Page - TE Connectivity Ltd S02-06-R Datasheet HTML 3Page - TE Connectivity Ltd S02-06-R Datasheet HTML 4Page - TE Connectivity Ltd S02-06-R Datasheet HTML 5Page - TE Connectivity Ltd S02-06-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8-48
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Material
Insulation
SO, M83519
Radiation-crosslinked, heat-shrinkable polyvinylidene fluoride
CWT
Radiation-crosslinked, heat-shrinkable polyolefin
Solder and flux
SO63, M83519, S03
Solder: Sn63 Pb37
Flux: ROL1 per ANSI - J - 004 (RMA Flux)
SO96, SO175 series
Solder: Sn96 Ag4
Flux: ROM1 per ANSI - J - 004 (RA Flux)
CWT
Solder: Sn50 Pb32 Cd18
Flux: ROM1 per ANSI - J - 004 (RA Flux)
Ground lead
CWT series
XL polyethylene
SO, M83519, SO175
MIL-W-22759/32 or /41
Typical Performance
Voltage drop
2.5 mV
Tensile strength
Exceeds strength of ground lead
Dielectric strength
1.0 kV immersed
Temperature rating
CWT
-55°C to 125°C [-67°F to 257°F]
SO63/M83519/S03
-55°C to 150°C [-67°F to 302°F]
SO96/SO175 series
-55°C to 175°C [-67°F to 347°F]
Insulation resistance
1000 megohms
Series
Agency
Raychem
CWT
—
D-5023
SO63*
NAS 1747
RT-1404
M83519**
MIL-S-83519/1&/2
RT-1404
SO96***
NAS 1747
RT-1404
SO175
RT-1404
* Meets performance requirements of SAE-AS83519 (formerly MIL-S-83519) and NAS 1747,
supplied with BiAlloy temperature indicator.
** Qualified to SAE-AS83519 (formerly MIL-S-83519), supplied with thermochromic temperature indicator.
***Meets performance requirements of SAE-AS83519 (formerly MIL-S-83519) and NAS 1747, supplied with
thermochromic temperature indicator.
Shield Termination
SolderSleeve Shield Terminators (Continued)
For proper installation of
these devices, the correct
heating tool and reflector
attachment must be used.
Any one of the following
Raychem heating tools is
recommended:
I HL1802E
I AA-400 Super Heater
I CV-1981
I MiniRay
I IR-1759
Product Characteristics
Specifications/Approvals
Installation
For detailed instructions and recommended reflector
attachments, refer to the appropriate Raychem
installation procedure:
Series
Procedure
CWT
RPIP 655-00-D
SO63
RCPS 100-70
M83519 (S01/S02)
RCPS 100-70
SO96
RCPS 100-70
S03
RCPS 100-70
SO175
RCPS-100-70
You will find ordering information for these tools
in section 10.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com