Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963DN-EHT Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5963DN-EHT
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963DN-EHT Datasheet(HTML) 5 Page - STMicroelectronics

  L5963DN-EHT Datasheet HTML 1Page - STMicroelectronics L5963DN-EHT Datasheet HTML 2Page - STMicroelectronics L5963DN-EHT Datasheet HTML 3Page - STMicroelectronics L5963DN-EHT Datasheet HTML 4Page - STMicroelectronics L5963DN-EHT Datasheet HTML 5Page - STMicroelectronics L5963DN-EHT Datasheet HTML 6Page - STMicroelectronics L5963DN-EHT Datasheet HTML 7Page - STMicroelectronics L5963DN-EHT Datasheet HTML 8Page - STMicroelectronics L5963DN-EHT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 3. AEK-COM-10BASET circuit schematic (2 of 10)
GND
GND
VBAT
GND
GND
GND
GND
GND
GND
GND
GND
VBAT_L5963
GND
GND
GND
GND
GND
GND
GND
GND
GND
3.3V - 2A (max)
GND
GND
5V - 2A (max)
3.3V
GND
3V3 - 250mA (max)
ENLDO
VBAT
GND
GND
10K
R36
VBAT_L5963
VBAT_L5963
VBAT
1
2
J2
SMAJ24CA
D7
100nF
C11
100nF
C14
220uF
C13
JP5
Closed
100nF
C17
10uF
C15
100nF
C23
100nF
C34
Closed
SB2
Closed
SB3
4.7K
R32
4.7K
R40
TP17
VBAT
TP23
GND
47nF
C38
220pF
C39
10
R42
2A
33uH
L3
22uF
C35
100nF
C37
100nF
C27
47uF
C25
2A
33uH
L2
5.1K
R31
5.1K
R39
2.2K
R41
82pF
C32
180
R38
6.8nF
C31
15nF
C30
5.6K
R37
47nF
C28
220pF
C29
10
R35
8.2K
R29
15nF
C19
120
R30
120pF
C21
10nF
C20
Closed
SB1
3.3uF
C16
200K
R26
464K
R25
TP16
12V
Green
D8
Green
D9
Green
D10
VINLDO
23
ENLDO
32
LDOOK
21
LDOOKDLY
22
VINSW1
7
ENSW1
3
SW1OK
30
SW1OKDLY
28
SYNC_IN
9
SYNC_OUT
8
FRDIV
10
VINSW2
31
ENSW2
35
VDOUT
11
VDDLY
18
VINHSD
16
ENHSD
6
HSD
17
VDIN
15
PGND2
36
BS2
34
PWM2
33
FBSW2
25
COMP2
24
PGND1
2
BS1
4
PWM1
5
FBSW1
12
COMP1
13
FBLDO
19
VOUTLDO
20
L5963DN-EHT
U2
TP21
5V_SW1
TP22
3V3_SW2
GND
22uF
C33
GND
22uF
C22
GND
22uF
C10
3V3_L5963_LDO
3V3_L5963
5V_L5963
MMBZ5242BLT1G
D6
STL42P4LLF6
Q6
20K
R23
10K
R24
GND
3V3_L5963_LDO
1uF
C12
47uF
C26
22uF
C36
3A
F1
15K
R44
1.5K
R45
1.5K
R46
JP4
Closed
VBAT_SPS
GND
Green
D11
3.9K
R47
5V_L5963
3V3_L5963_LDO
5V_L5963
3V3_L5963
ENLDO
ENSW
GPIO_L5963
GPIO_L5963
1.24K
R33
ENLDO
ENSW
ENSW
3V3_L5963
3V3_L5963
3V3_L5963_LDO
5V_L5963
VBAT_SPS
Closed
SB6
TP18
3V3_LDO
3V3_SPS
ENSW
N.M.
R43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com