Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963DN-EHT Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5963DN-EHT
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963DN-EHT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5963DN-EHT Datasheet HTML 2Page - STMicroelectronics L5963DN-EHT Datasheet HTML 3Page - STMicroelectronics L5963DN-EHT Datasheet HTML 4Page - STMicroelectronics L5963DN-EHT Datasheet HTML 5Page - STMicroelectronics L5963DN-EHT Datasheet HTML 6Page - STMicroelectronics L5963DN-EHT Datasheet HTML 7Page - STMicroelectronics L5963DN-EHT Datasheet HTML 8Page - STMicroelectronics L5963DN-EHT Datasheet HTML 9Page - STMicroelectronics L5963DN-EHT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Figure 4. AEK-COM-10BASET circuit schematic (3 of 10)
A_GND
GND_OSC
GND GND
GND
BCTRL
VDD_LV
GND GND
Pin22
GND GND
Pin58
GND GND
Pin79
GND GND
Pin99
GND
GND
GND
GND
GND
GND
GND
GND
GND
Pin42
Pin44 VDD_HV_ADC
GND
2.2uF
C62
GND
VDD_HV_IO_MAIN
VDD_HV_IO_FLEX
Pin125
GND
GND
Pin23
Pin59
Pin78
Pin115
Pin142
GND
GND
A_GND
GND_OSC
ExposedPad
100nF
C45
10nF
C44
100nF
C50
10nF
C49
GND
GND
100nF
C52
10nF
C51
100nF
C54
10nF
C53
GND
GND
100nF
C56
10nF
C55
GND
GND
100nF
C58
10nF
C57
GND
GND
10nF
C59
GND
GND
100nF
C61
10nF
C60
10nF
C64
10nF
C66
10nF
C68
10nF
C70
47nF
C69
47nF
C63
47nF
C65
47nF
C67
2.2uF
C71
2.2uF
C74
100nF
C72
10nF
C73
100nF
C75
10nF
C76
100nF
C78
10nF
C79
VDD_LV
GND
GND
GND
GND
GND
0
R52
0
R53
VDD_HV_ADC
VDD_HV_IO_MAIN
VDD_LV
VDD_HV_IO_MAIN
VDD_HV_IO_Flex
10nF
C47
100nF
C48
Pin83
GND_OSC
VDD_HV_IO_MAIN
TP25
VDD_HV_ADC
1.5uF
C43
100nF
C42
1.5uF
C46
10nF
C41
4.7uF
C77
TP26
VDD_HV_IO_Main
TP27
VDD_HV_IO_FLEX
TP28
VDD_LV
TP29
BCTRL
2STR1160
Q7
Green
D12
0
R51
2STN1360
Q8
1K
R49
100K
R50
3.9K
R48
3V3_L5963_LDO
5V_L5963
3V3_L5963_LDO
0
R54
N.M.
R55
3V3_L5963_LDO
3V3_L5963
5V_L5963
VDD_HV_IO_MAIN
ADC
OSC & JTAG (3.3V or 5V)
Main I/O Voltage Supply (3.3V - 5V)
Core Logic Low Voltage Supply (1.25V)
VDD_HV_ADR_S
42
VDD_HV_ADV_S
44
VDD_HV_OSC
83
VDD_HV
142
VDD_HV_IO_MAIN
23
VDD_HV_FLA
125
VDD_LV
22
VSS_LV
145
VDD_LV
58
VDD_LV
79
VDD_HV
115
VDD_LV
99
VDD_HV_IO_MAIN
59
VDD_HV_IO_MAIN
78
VSS_HV_ADR_S
41
VSS_HV_ADV_S
43
VSS_HV_OSC
80
High Voltage Supply (3.3V - 5V)
FLEXRAY I/O (3.3V or 5V)
FLASH DECOUPLING
VDD_HV_IO_FLEX
136
BCTRL
124
External Ballast Control output
SPC58EC80E5QMC1Y
U3A
3V3_L5963_LDO
3V3_L5963
VDD_HV_ADC
VDD_HV_IO_MAIN
VDD_HV_IO_Flex
5V_L5963
0
R9
5V_L5963
VDD_HV_IO_FLEX
VDD_HV_IO_MAIN
VDD_HV_ADC
0
R28
3V3_L5963
3V3_L5963
3V3_SPS
N.M.
R74
0
R73
3V3_SPS
3V3_SPS
3V3_SPS
3V3_SPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com