Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963DN-EHT Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5963DN-EHT
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963DN-EHT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5963DN-EHT Datasheet HTML 6Page - STMicroelectronics L5963DN-EHT Datasheet HTML 7Page - STMicroelectronics L5963DN-EHT Datasheet HTML 8Page - STMicroelectronics L5963DN-EHT Datasheet HTML 9Page - STMicroelectronics L5963DN-EHT Datasheet HTML 10Page - STMicroelectronics L5963DN-EHT Datasheet HTML 11Page - STMicroelectronics L5963DN-EHT Datasheet HTML 12Page - STMicroelectronics L5963DN-EHT Datasheet HTML 13Page - STMicroelectronics L5963DN-EHT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Figure 8. AEK-COM-10BASET circuit schematic (7 of 10)
GPIO0
9
RESET_N
10
TXER/ACMA
11
TXCLK/RXPI
12
RXD0/PHYAD2
16
CRS/PHYAD4
15
MDIO
14
MDC
13
VDDAU
25
RBIAS
26
XTI/REFCLKIN
27
XTO
28
WAKE_IN
32
TRXN
31
TRXP
30
VDDA
29
VSS
33
LAN8670
U5
GND
1
2
P1
GND
49.9
R78
49.9
R77
GND
100nF
C88
100nF
C89
1
2
3
4
L5
ACT1210D-131-2P
0
R69
0
R76
100K
R147
100nF
C90
XTI_LAN8670
XTO_LAN8670
1
3
25Mhz
X1
22pF
C97
22pF
C98
GND
GND
GND
XTI_LAN8670
XTO_LAN8670
10nF
C95
100nF
C96
GND
GND
10nF
C92
100nF
C93
10uF
C94
300
L6
GND
GND
GND
Isolated VDDA/VDDAU power island
GND
GND
GND
Isolated VDDP power island
300
L4
10uF
C85
100nF
C86
10nF
C87
3V3_LAN8670
3V3_LAN8670
12.4K
R80
GND
WAKE_IN_LAN8670
COL
CRS
MDC
MDIO
RDATA0
RDATA1
RDATA2
RDATA3
TDATA0
TDATA1
TDATA2
TDATA3
RXCLK
RXDV
RXER
TXCLK
TXEN
TXER
MII_LAN8670
MII_LAN8670
COL
CRS
MDC
MDIO
RDATA0
RDATA1
RDATA2
RDATA3
TDATA0
TDATA1
TDATA2
TDATA3
RXCLK
RXDV
RXER
TXEN
TXER
RDATA0
CRS
MDIO
MDC
TXER
VDDP_LAN8670
10K
R64
GND
TXEN
GND
10K
R79
N.M.
R75
10K
R92
10K
R93
RDATA2
RDATA3
VDDP_LAN8670
GND
MODE[1:0]
RXD2/MODE0 = 1
RXD3/MODE1 = 0
00b reserved
01b MII with 25Mhz crystal
10b RMII with 50Mhz osc.
11b SC-MII with 25Mhz crystal
PHYAD[4:0]
0x00h - 0x1Fh
Assegnazione indirizzo fisico
SMI addess
Default = 0x00h
N.M.
R66
GND
GPIO0
PINCTRL register:
GPIOSS[1:0]:
00: RXPI (Receive packet indication output pulse)
01: TXPI (Transmit packet indication output pulse)
10: RXTXPI (Receive/Transmit packet indication output pulse)
11: ACMA (Application Controlled Media Access input)
VDDP_LAN8670
10K
R86
IRQN_LAN8670
GPIO0
SIGNAL_LAN8670
IRQN_LAN8670
SIGNAL_LAN8670
GND
STR2N2VH5
Q10
10K
R67
GND
Green
D14
GPIO0
3V3_L5963_LDO
0
R62
3V3_LAN8670
GPIO0
3
2
1
JP11
3
2
1
JP12
3
2
1
JP13
3
2
1
JP14
3
2
1
JP15
RDATA1
RDATA0
RXDV
CRS
RXER
10K
R87
10K
R88
10K
R89
10K
R90
GND
10K
R91
VDDP_LAN8670
10K
R84
10K
R85
10K
R81
10K
R82
10K
R83
Default 2-3
N.M.
R71
10K
R70
VDDP_LAN8670
RESET
D15
GND
D16
LAN8670_TRX_N
LAN8670_TRX_P
LAN8670_TRX1_P
LAN8670_TRX1_N
LAN8670_TRX2_P
LAN8670_TRX2_N
3V3_L5963_LDO
0
R72
0
R65
3.9K
R63
TP31
TP32
10K
R68
VDDP_LAN8670
VDDP_LAN8670
VDDAU_LAN8670
VDDA_LAN8670
GND
GND
100nF
C83
10nF
C84
Isolated VDDP power island
3V3_L5963_LDO
TXCLK
TXCLK
5V_L5963
5V_L5963
5V_L5963
5V_L5963
TP19
TP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com