Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963DN-EHT Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5963DN-EHT
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963DN-EHT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5963DN-EHT Datasheet HTML 3Page - STMicroelectronics L5963DN-EHT Datasheet HTML 4Page - STMicroelectronics L5963DN-EHT Datasheet HTML 5Page - STMicroelectronics L5963DN-EHT Datasheet HTML 6Page - STMicroelectronics L5963DN-EHT Datasheet HTML 7Page - STMicroelectronics L5963DN-EHT Datasheet HTML 8Page - STMicroelectronics L5963DN-EHT Datasheet HTML 9Page - STMicroelectronics L5963DN-EHT Datasheet HTML 10Page - STMicroelectronics L5963DN-EHT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 5. AEK-COM-10BASET circuit schematic (4 of 10)
VBAT_SPS
WU1
1
DIR/WU2
2
V2
3
OUT4
4
OUT3
5
OUT2
6
OUT1
7
VS
8
RxD_C
17
RXD_L
18
CLK
19
DO
20
DI
21
CSN
22
NRESET
23
V1
24
SPSB0813-TR
U1
STTH102AY
D1
STTH102AY
D2
10uF
C2
10uF
C1
VSREG
VS
GND
GND
STR2N2VH5
Q1
10K
R3
10K
R7
GND
ButtonSwitch
S1
VBAT_SPS
WU1
1
2
JP3
100nF
C9
VS
GND
OPENED
GND
GND
GND
1
2
3
4
L1
744242510
CAN_L
CAN_H
60.4
R2
4.7nF
C4
GND
47pF
C3
N.M.
R1
N.M.
R5
60.4
R4
47pF
C5
TP2
CAN_SPSB_H_DNP
TP3
CAN_SPSB_L_DNP
2
2
1
1
CN1
2.2uF
C8
GND
0
R6
5V_SPS
VSREG
GND
220nF
C6
2.2uF
C7
GND
3V3_SPS
3V3_SPS
NRESET
CSN
MOSI
MISO
CLK
CAN_RX
STR2N2VH5
Q4
10K
R20
2.7K
R14
GND
Green
D3
5V_SPS
3V3_SPS
STR2N2VH5
Q5
10K
R21
2.7K
R15
GND
Green
D4
VBAT_SPS
VBAT_SPS
CSN_SPS
DI_SPS
DO_SPS
CLK_SPS
DSPI3_SPS
DSPI3_SPS
NRESET
NINT
DIAGN
WU1
INTERFACE_SPS
INTERFACE_SPS
CSN
MOSI
MISO
CLK
DIAGN
NINT
NRESET
WU1
CAN_TX_SPS
CAN_RX_SPS
CAN_SPS
CAN_SPS
CAN_RX
CAN_TX
5V_SPS
VBAT_SPS
TP4
TP15
TP14
TP13
TP12
TP11
TP8
TP7
TP5
100
R16
100
R17
100
R18
100
R19
100
R10
100
R11
TP6
TP1
VBAT_SPS
100
R12
VS
VSREG
VS
VSREG
STR2N2VH5
Q2
N.M.
R22
VBAT_SPS
GND
2.7K
R13
Blue
D5
DIAGN
0
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com