Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963DN-EHT Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5963DN-EHT
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963DN-EHT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5963DN-EHT Datasheet HTML 5Page - STMicroelectronics L5963DN-EHT Datasheet HTML 6Page - STMicroelectronics L5963DN-EHT Datasheet HTML 7Page - STMicroelectronics L5963DN-EHT Datasheet HTML 8Page - STMicroelectronics L5963DN-EHT Datasheet HTML 9Page - STMicroelectronics L5963DN-EHT Datasheet HTML 10Page - STMicroelectronics L5963DN-EHT Datasheet HTML 11Page - STMicroelectronics L5963DN-EHT Datasheet HTML 12Page - STMicroelectronics L5963DN-EHT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Figure 7. AEK-COM-10BASET circuit schematic (6 of 10)
GND
GND
TDO
TDI
TMS
TCK
JCOMP
PA0
PE0
PE1
PE2
PE8
PE9
PE15
PE12
PE7
PE11
PE10
PA4
PA1
PA2
PA3
PB1
PB2
PB8
PB9
PB10
PB3
PB4
PC2
PC3
PC14
PD1
PD2
PD5
PD6
PD7
PD8
PD10
PD12
PD13
PC15
PC8
PC9
PC11
PC0
PC5
PC1
PC4
PC6
PC13
PD14
PD15
PC12
PC7
PD4
PD11
PD0
PA12
PA13
PA14
PA10
PA11
PF2
PF3
PF6
PF7
PF9
PF10
PF11
PF14
PF8
PF12
PG9
PG10
PG12
PG15
PG14
PG13
PH0
PH1
PH4
PH2
PI2
PK14
PM4
PM6
PM14
XTAL
TestMode
Closed
SB15
RESET
4.7K
R143
VDD_HV_IO_MAIN
VDD_HV_IO_MAIN
1
3
40Mhz
X3
GND
GND
RESET
PB0
PE6
PA15
PG11
PE13
PE14
PF13
COL
CRS
MDC
MDIO
RDATA0
RDATA1
RDATA2
RDATA3
TDATA0
TDATA1
TDATA2
TDATA3
RXCLK
RXDV
RXER
TXCLK
TXEN
TXER
MII_LAN8670
MII_LAN8670
ENLDO
ENSW
GPIO_L5963
GPIO_L5963
EMIOS1
EMIOS2
GPIO1
GPIO2
ADC2
ADC1
GND
GND
I/O_INTERFACE1
I/O_INTERFACE1
I/O_INTERFACE2
DSPI5_GENERIC
22pF
C142
22pF
C143
N.M.
R144
0
R145
CAN1_TX
CAN1_RX
CAN0_TX
CAN0_RX
CAN_GENERIC
CAN_GENERIC
PA12
PA13
EMIOS3
EMIOS4
GPIO3
GPIO4
ADC4
ADC3
GND
GND
I/O_INTERFACE2
3V3_L5963
5V_L5963
GND
MISO
CS1
CS2
CLK
MOSI
DSPI5_GENERIC
DSPI2_GENERIC
GND
MISO
CS1
CS2
CLK
MOSI
3V3_L5963
5V_L5963
DSPI2_GENERIC
GND
SDA/RX
SCL/TX
I2C/UART
I2C/UART
PD2
PD1
DSPI3_SPS
CSN_SPS
DI_SPS
DO_SPS
CLK_SPS
DSPI3_SPS
PA11
NRESET
NINT
DIAGN
WU1
INTERFACE_SPS
INTERFACE_SPS
PH2
PA10
PA0
PC3
IRQN_LAN8670
GPIO0
SIGNAL_LAN8670
SIGNAL_LAN8670
DSPI4_LAN8650
IRQ_LAN8650
CSN_LAN8650
SDI_LAN8650
SDO_LAN8650
CLK_LAN8650
DSPI4_LAN8650
EVENT_LAN8650
DIOA0
DIOA1
DIOA2
DIOA3
DIOA4
EVENT_LAN8650
PE1
PE2
PD12
PD13
PI2
DSPI0_PLUG
CS1_PLUG
MISO_PLUG
MOSI_PLUG
CLK_PLUG
CS2_PLUG
CS3_PLUG
DSPI0_PLUG
PE9
PE8
PE7
PE6
PD4
PD5
PLUG_INTERFACE
INT1
INT2
GPIO1
GPIO2
EMIOS1
EMIOS2
ADC1
ADC2
GND
GND
PLUG_INTERFACE
PD10
PF6
PF7
PF13
PD7
PA14
PD6
GND
GND
CAN2_RX
CAN2_TX
CAN2_CORE
CAN2_CORE
GND
TDI
TDO
TCK
TMS
JCOMP
JTAG
JTAG
JCOMP
TDI
TDO
TCK
TMS
CAN4_TX
CAN4_RX
CAN4_PLUG
CAN4_PLUG
PA4
PM14
CAN_TX_SPS
CAN_RX_SPS
CAN_SPS
CAN_SPS
PH1
PH0
PA[0]
113
PA[1]
110
PA[2]
109
PA[3]
68
PA[4]
96
PA[6] JTAG-TCK
92
PA[7] JTAG-TMS
89
PA[8] JTAG-TDI
88
PA[9] JTAG-TDO
90
PA[10]
118
PA[11]
119
PA[12]
111
PA[14]
87
PA[13]
112
PA[15]
72
PB[0]
57
PB[1]
56
PB[6]
38
PB[7]
37
PB[8]
67
PB[9]
66
PB[10]
65
PB[11]
64
PD[0]
128
PD[1]
127
PD[2]
126
PD[4]
105
PD[5]
106
PD[6]
86
PD[7]
85
PD[8]
69
PD[9]
62
PD[10]
63
PD[11]
53
PD[12]
17
PD[13]
18
PF[1]
60
PF[2]
144
PF[3]
143
PF[6]
70
PF[7]
71
PF[8]
73
PF[9]
74
PF[10]
75
PF[12]
77
PF[13]
84
PF[14]
93
PF[15]
95
PG[1]
26
PG[2]
27
PG[3]
28
PG[4]
29
PG[5]
35
PG[6]
36
PG[9]
45
PG[10]
46
PG[11]
47
PG[12]
48
PG[13]
100
PG[14]
101
PG[15]
114
PE[0]
14
PE[1]
15
PE[2]
16
PE[3]
19
PE[5]
102
PE[6]
103
PE[7]
104
PE[8]
107
PE[9]
108
PE[10]
121
PE[11]
122
PE[12]
131
PE[13]
52
PE[14]
50
PE[15]
49
PORST
97
TESTMODE
94
XTAL
82
EXTAL
81
PB[2]
55
PB[3]
54
PC[0]
13
PC[1]
12
PC[5]
7
PC[6]
6
PC[8]
4
PC[9]
3
PC[10]
139
PC[11]
138
PC[12]
137
PC[13]
134
PC[14]
133
PC[15]
132
PC[2]
11
PC[3]
9
PC[4]
8
PD[14]
1
PD[15]
2
PF[11]
76
PF[0]
61
PH[0]
116
PH[1]
117
PH[2]
120
PH[4]
123
PI[9]
21
PL[8]
10
PM[0]
140
PM[2]
141
PM[4]
129
PM[14]
98
PA[5] JTAG-NTRST_PD (JCOMP)
91
PI[8]
20
PI[7]
40
PI[6]
39
PI[5]
34
PI[4]
33
PI[3]
32
PI[2]
31
PI[1]
30
PK[0]
24
PK[1]
25
PK[14]
135
PM[6]
130
PC[7]
5
PB[4]
51
SPC58EC80E5QMC1Y
U3B
PF12
PF11
PF10
PF9
PF8
PB8
PB10
PB9
GND
GND
PB4
PE14
PE15
PG11
PG10
PG9
GND
GND
PB0
PB1
PB2
PB3
PD11
PE13
PC9
PC8
PC7
PC6
PC4
PC1
PC0
PE0
PC5
PC12
PC13
PC14
PC15
PE12
PK14
PM6
PM4
PC11
PF2
PF3
PD8
PA3
3V3_L5963
5V_L5963
3V3_L5963
5V_L5963
PG13
PG14
PE10
PE11
PH4
PF14
PG15
PC2
PD0
PA15
PG12
PA2
PA1
PD15
PD14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com