Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SR Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 23Page - Infineon Technologies AG TLE49SR Datasheet HTML 24Page - Infineon Technologies AG TLE49SR Datasheet HTML 25Page - Infineon Technologies AG TLE49SR Datasheet HTML 26Page - Infineon Technologies AG TLE49SR Datasheet HTML 27Page - Infineon Technologies AG TLE49SR Datasheet HTML 28Page - Infineon Technologies AG TLE49SR Datasheet HTML 29Page - Infineon Technologies AG TLE49SR Datasheet HTML 30Page - Infineon Technologies AG TLE49SR Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Table 30
(continued) Sensor SPC trigger parameters
Parameter
Symbol
Values
Unit
Note / Test
condition
Min.
Typ.
Max.
Master nibble
low time
tmlow
8
-
15
UT
addr. 0
Master nibble
low time
tmlow
16
-
28
UT
addr. 1
Master nibble
low time
tmlow
29
-
49
UT
addr. 2
Master nibble
low time
tmlow
50
-
82
UT
addr. 3
Table 31
SPC master pulse parameters
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Threshold,
falling edge
Vth_falling
-
35
-
% of
VDD
 
Threshold,
rising edge
Vth_rising
-
50
-
% of
VDD
not subject to production test - verified by
design/characterization
Total trigger
time
tmtr
-
90
-
UT
for constant trigger length
Total trigger
time
tmtr
-
tmlow +
12
-
UT
trigger time in the sensor is fixed to the number
of units specified in the “typ.” column, but the
effective trigger time varies due to the sensor’s
clock variation for variable trigger length
5.2.3.3
SPC Features
SPC Status Nibble
The status nibble, which is sent with each SPC data frame, provides an error indication. In case the sensor detects an
error, the corresponding error bit in the status nibble is set. An error is indicated by the corresponding error bit in the
status nibble as long as it persists, but at least once. 
Table 32
Structure of SPC status nibble
 
Bits
Description
[0] LSB
Short Serial Message bit (data) or bus mode ID LSB
[1]
Short Serial Message bit (start indication) or bus mode ID
MSB
[2]
Warning bit (e.g. air gap warning or OV/UV indication)
[3] MSB
Error indication or sensor reset
 
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
27
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com