Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SR Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 14Page - Infineon Technologies AG TLE49SR Datasheet HTML 15Page - Infineon Technologies AG TLE49SR Datasheet HTML 16Page - Infineon Technologies AG TLE49SR Datasheet HTML 17Page - Infineon Technologies AG TLE49SR Datasheet HTML 18Page - Infineon Technologies AG TLE49SR Datasheet HTML 19Page - Infineon Technologies AG TLE49SR Datasheet HTML 20Page - Infineon Technologies AG TLE49SR Datasheet HTML 21Page - Infineon Technologies AG TLE49SR Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Table 18
(continued) PWM interface parameters
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
High diagnostic
duty cycle (f ≥
2kHz)
DCdiag_high,>
2kHz
85
-
99
%
high time to period; f ≥ 2kHz PWM frequency
Low diagnostic
duty cycle
DCdiag_low
1
-
25
%
high time to period; f < 2kHz PWM frequency
Low diagnostic
duty cycle (f ≥
2kHz)
DCdiag_low,>
2kHz
1
-
15
%
high time to period; f ≥ 2kHz PWM frequency
Minimum data
duty cycle range
DCdata_min 29
-
71
%
high time to period; f < 2kHz PWM frequency
Minimum data
duty cycle range
(f ≥ 2kHz)
DCdata_min,>
2kHz
19
-
81
%
high time to period; f ≥ 2kHz PWM frequency
5.2.2
SENT Interface
The sensor supports a SENT (Single Edge Nibble Transmission) interface according to SAE J2716 v.2016-04.
 
SENT interface description
The SENT interface is a standardized, uni-directional digital protocol. The information is coded in nibbles with
different length. One nibble contains 4 bit of information.
The unit time (UT) and nibble low time are configurable. This can reduce the overall frame length. The low time
includes the fall time of the edge. It has to be ensured that the fall time of the edge is fast enough to reach the low
level within the configured low time.
Table 19
SENT Configuration Parameters
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
SENT unit time UT
0.75
-
3.0
µs
default 3.0µs, configurable steps (0.75, 1,
1.25,1.5, 2.0, 2.5, 3.0), tolerance given by clock
tolerance
SENT nibble low
time
tlow
3
-
5
UT
including the fall time of the edge.
 
Standard sensor:
The protocol consists of the following nibbles
•
A synchronization period (56 UT)
•
A status nibble of 12-27 UT, with optional short serial message information
•
3 or 4 data nibbles of 12-27 UT, transmitting the angle value or the angle speed (configurable in EEPROM)
•
Optional 2 temperature nibbles of 12-27 UT each (configurable in EEPROM)
•
Optional 1 nibble (4 bit) rolling counter of 12-27 UT 
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
18
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com