Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SR Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 32Page - Infineon Technologies AG TLE49SR Datasheet HTML 33Page - Infineon Technologies AG TLE49SR Datasheet HTML 34Page - Infineon Technologies AG TLE49SR Datasheet HTML 35Page - Infineon Technologies AG TLE49SR Datasheet HTML 36Page - Infineon Technologies AG TLE49SR Datasheet HTML 37Page - Infineon Technologies AG TLE49SR Datasheet HTML 38Page - Infineon Technologies AG TLE49SR Datasheet HTML 39Page - Infineon Technologies AG TLE49SR Datasheet HTML 40Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
7
Package information
The device is qualified with a MSL level of 3. It is halogen free, lead free and RoHS compliant.
Table 34
Position tolerances die to package
Parameter
Symbol
Values
Unit
Note / Test
condition
Min.
Typ.
Max.
Tilt
-
-
-
2
°
in respect to
the z-axis and
reference
plane
Rotational
displacement
-
-
-
3
°
in respect to
the reference
axis
Placement
tolerance in
package
-
-
-
100
µm
in x and y
direction
z
Tilt angle
Reference plane
y
x
Rotational
displacement
Package
Chip
x
Die pad
Chip
Figure 24
Tolerance of the die in the package
The package type is PG-TDSO-8-1.
 
TLE49SR
Datasheet
7 Package information
Datasheet
36
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com