Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SR Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 24Page - Infineon Technologies AG TLE49SR Datasheet HTML 25Page - Infineon Technologies AG TLE49SR Datasheet HTML 26Page - Infineon Technologies AG TLE49SR Datasheet HTML 27Page - Infineon Technologies AG TLE49SR Datasheet HTML 28Page - Infineon Technologies AG TLE49SR Datasheet HTML 29Page - Infineon Technologies AG TLE49SR Datasheet HTML 30Page - Infineon Technologies AG TLE49SR Datasheet HTML 31Page - Infineon Technologies AG TLE49SR Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Note:
For more information about the warning bit and the error indication bit please consult the TLE49SR user
manual.
Checksum nibble details
The checksum nibble is a 4-bit CRC of the data nibbles. Optionally the status nibble can be included by register
setting. The CRC is calculated using a polynomial x4 +x3 +x2 +1 with a seed value of 0101B. The remainder after the last
data nibble is transmitted as CRC.
Short serial message
The short serial message is an additional option which can be enabled and disabled. The short serial message
provides additional information in the status nibble by transmitting an 8 bit temperature value, and a 52 bit user and
sensor ID.
1 short serial message will be constructed out of 16 SPC frames. In each SPC frame, one bit of information is
transmitted in bit [0] of the status nibble and has following structure:
•
4 bit message ID
•
8 bit data
•
4 bit CRC (calculated from message ID and data bits)
The start of the short serial message is indicated by a “1” in bit [1] of the status nibble. For the next 15 frames, this bit
will contain a “0”.
The message ID is used for identification of the type of data received. All data are transmitted in the bit [0] of the
status nibble in the order MSB to LSB
 
Rolling counter
The rolling counter counts the number of transmitted frames with rollover back to 0 and increment with each
message. This counter is for verification in the ECU that no frame is missed or that no frame is sent repeatedly from
the sensor.
 
Temperature information
Same format as in the SENT chapter, see Temperature information in the SENT Features chapter.
 
SPC frameholder
The SPC frameholder enables multiple sensors on the bus to synchronously measure the sensor value. Without
frameholder function, the sensor sends its response immediately after the trigger pulse when the sensor ID and the
trigger ID are the same. In case the frameholder function is activated all sensors on the bus start an angle
measurement after the trigger pulse and store the measurement result in the memory. Only the addressed sensor
replies immediately after the trigger on the bus is received. All other sensors will respond when the corresponding
sensor ID is polled by a separate trigger pulse.
5.2.4
SICI programming interface
A single wire interface (SICI) which is on the same output pin as the PWM, SENT/SPC output, is implemented. This
interface is used to perform the EEPROM programming with application and customer specific data (angle base, look-
up table, customer-ID). In addition, some chip configuration can be done. More details can be found in the
corresponding user manual.
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
28
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com