Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SR Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 9Page - Infineon Technologies AG TLE49SR Datasheet HTML 10Page - Infineon Technologies AG TLE49SR Datasheet HTML 11Page - Infineon Technologies AG TLE49SR Datasheet HTML 12Page - Infineon Technologies AG TLE49SR Datasheet HTML 13Page - Infineon Technologies AG TLE49SR Datasheet HTML 14Page - Infineon Technologies AG TLE49SR Datasheet HTML 15Page - Infineon Technologies AG TLE49SR Datasheet HTML 16Page - Infineon Technologies AG TLE49SR Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Table 13
Signal and jitter delay time
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Jitter delay
time
tjitter
-1
-
1
µs
not including interface transmission
Signal filter
delay
tIIR
-
-
-
µs
filter setting delay, see  Signal filter time
configuration
Notch filter
delay
tnotch
-
-
4.8
μs  
Latency time
tlatency
-
-
9.8
µs
for LP-setting 1, see Latency time description
Table 14
Signal filter time configuration
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Filter setting 1
kfilter1
-
-
4
µs
49.2 kHz
Filter setting 2
kfilter2
-
-
6.2
µs
32.5 kHz
Filter setting 3
kfilter3
-
-
8.3
µs
24.3 kHz
Filter setting 4
kfilter4
-
-
12.6
µs
16.1 kHz
Filter setting 5
kfilter5
-
-
16.8
µs
12 kHz
Filter setting 6
kfilter6
-
-
25.4
µs
8 kHz
Filter setting 7
kfilter7
-
-
51
µs
4 kHz
Filter setting 8
kfilter8
-
-
136
µs
1.5 kHz (default)
Filter setting 9
kfilter9
-
-
204
µs
1 kHz
Filter setting 10 kfilter10
-
-
272
µs
0.75 kHz
Filter setting 11 kfilter11
-
-
409
µs
0.5 kHz
Filter setting 12 kfilter12
-
-
546
µs
0.375 kHz
Filter setting 13 kfilter13
-
-
819
µs
0.25 kHz
Filter setting 14 kfilter14
-
-
1.64
ms
125 Hz
Filter setting 15 kfilter15
-
-
2.18
ms
93 Hz
Filter setting 16 kfilter16
-
-
3.27
ms
62 Hz
Filter setting 17 kfilter17
-
-
4.36
ms
47 Hz
Filter setting 18 kfilter18
-
-
6.54
ms
31 Hz
Filter setting 19 kfilter19
-
-
8.72
ms
23 Hz
Filter setting 20 kfilter20
-
-
13.1
ms
15 Hz
Filter setting 21 kfilter21
-
-
26
ms
7.8 Hz
TLE49SR
Datasheet
4 Product features
Datasheet
13
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com