Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS36/50 Datasheet(PDF) 2 Page - SICK AG

Part # DBS36/50
Description  INCREMENTAL ENCODERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DBS36/50 Datasheet(HTML) 2 Page - SICK AG

  DBS36/50 Datasheet HTML 1Page - SICK AG DBS36/50 Datasheet HTML 2Page - SICK AG DBS36/50 Datasheet HTML 3Page - SICK AG DBS36/50 Datasheet HTML 4Page - SICK AG DBS36/50 Datasheet HTML 5Page - SICK AG DBS36/50 Datasheet HTML 6Page - SICK AG DBS36/50 Datasheet HTML 7Page - SICK AG DBS36/50 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DBS36E-BBCJ01024 | DBS36/50
INCREMENTAL ENCODERS
Illustration may differ
Ordering information
Type
Part no.
DBS36E-BBCJ01024
1104654
Other models and accessories
www.sick.com/DBS36_50
Detailed technical data
Performance
Pulses per revolution
1,024
Measuring step
90°, electric/pulses per revolution
Measuring step deviation
± 18° / pulses per revolution
Error limits
± 54° / pulses per revolution
Duty cycle
≤ 0.5 ± 5 %
Interfaces
Communication interface
Incremental
Communication Interface detail
TTL / RS-422
Number of signal channels
6-channel
Initialization time
< 3 ms
Output frequency
≤ 300 kHz
Load current
≤ 30 mA
Power consumption
≤ 0.5 W (without load)
Electrical data
Connection type
Cable, 8-wire, universal, 0.5 m
Supply voltage
7 ... 30 V
Reference signal, number
1
Reference signal, position
90°, electric, logically gated with A and B
Reverse polarity protection
✔
Short-circuit protection of the outputs
✔ 1)
MTTFd: mean time to dangerous failure
600 years (EN ISO 13849-1) 2)
1) The short-circuit rating is only given if Us and GND are connected correctly.
2) This product is a standard product and does not constitute a safety component as defined in the Machinery Directive. Calculation based on nominal load of com-
ponents, average ambient temperature 40°C, frequency of use 8760 h/a. All electronic failures are considered hazardous. For more information, see document no.
8015532.
Mechanical data
Mechanical design
Blind hollow shaft
1) Order collets for 5 mm, 6 mm and 1/4” mm separately as accessories.
2) Higher values are possible using limited bearing life.
3) Allow for self-heating of 4.7 K per 1,000 rpm when designing the operating temperature range.
4) No permanent operation. Decreasing signal quality.
2
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-20 18:53:39
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com