Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS36/50 Datasheet(PDF) 4 Page - SICK AG

Part # DBS36/50
Description  INCREMENTAL ENCODERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DBS36/50 Datasheet(HTML) 4 Page - SICK AG

  DBS36/50 Datasheet HTML 1Page - SICK AG DBS36/50 Datasheet HTML 2Page - SICK AG DBS36/50 Datasheet HTML 3Page - SICK AG DBS36/50 Datasheet HTML 4Page - SICK AG DBS36/50 Datasheet HTML 5Page - SICK AG DBS36/50 Datasheet HTML 6Page - SICK AG DBS36/50 Datasheet HTML 7Page - SICK AG DBS36/50 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DBS36E-BBCJ01024 | DBS36/50
INCREMENTAL ENCODERS
ETIM 6.0
EC001486
ETIM 7.0
EC001486
ETIM 8.0
EC001486
UNSPSC 16.0901
41112113
Dimensional drawing (Dimensions in mm (inch))
Blind hollow shaft, cable
45.4
(1.79)
0.5
(0.02)
(7.7)
(0.30)
1
(0.04)
2x M3 set screw
Hexagon socket
screw size 1,5
4x M2.5 screw
@ 30 mm (1.18) PCD
20°
Ø 46
(1.81
)
21.5
(0.85)
Attachment specifications
min. 6
max. 21
Encoder
6 mm
DBS36E-BA
2056390
4
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-20 18:53:39
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com