Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS36/50 Datasheet(PDF) 5 Page - SICK AG

Part # DBS36/50
Description  INCREMENTAL ENCODERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DBS36/50 Datasheet(HTML) 5 Page - SICK AG

  DBS36/50 Datasheet HTML 1Page - SICK AG DBS36/50 Datasheet HTML 2Page - SICK AG DBS36/50 Datasheet HTML 3Page - SICK AG DBS36/50 Datasheet HTML 4Page - SICK AG DBS36/50 Datasheet HTML 5Page - SICK AG DBS36/50 Datasheet HTML 6Page - SICK AG DBS36/50 Datasheet HTML 7Page - SICK AG DBS36/50 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DBS36E-BBCJ01024 | DBS36/50
INCREMENTAL ENCODERS
Encoder
Premounted
5 mm
2066991
6 mm
2056390
1/4″
On request
8 mm
DBS36E-BB
Not required
PIN assignment
A
A -
B
B -
WH
BN
PK
BK
Z
Z -
GND
+ U
S
VT
YE
BU
RD
Wire colors (ca-
ble connection)
Male connec-
tor M12, 8-pin
Male connec-
tor M23, 12-pin
TTL/HTL 6-
channel signal
Explanation
Brown
1
6
A-
Signal wire
White
2
5
A
Signal wire
Black
3
1
B-
Signal wire
Pink
4
8
B
Signal wire
Yellow
5
4
Z-
Signal wire
Purple
6
3
Z
Signal wire
Blue
7
10
GND
Ground connection
Red
8
12
+Us
Supply voltage
-
-
9
Not assigned
Not assigned
-
-
2
Not assigned
Not assigned
-
-
11
Not assigned
Not assigned
-
-
7
Not assigned
Not assigned
Screen
Screen
Screen
Screen
Screen connected to en-
coder housing
2023-11-20 18:53:39 | Product data sheet
Subject to change without notice
INCREMENTAL ENCODERS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com