Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS36/50 Datasheet(PDF) 3 Page - SICK AG

Part # DBS36/50
Description  INCREMENTAL ENCODERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DBS36/50 Datasheet(HTML) 3 Page - SICK AG

  DBS36/50 Datasheet HTML 1Page - SICK AG DBS36/50 Datasheet HTML 2Page - SICK AG DBS36/50 Datasheet HTML 3Page - SICK AG DBS36/50 Datasheet HTML 4Page - SICK AG DBS36/50 Datasheet HTML 5Page - SICK AG DBS36/50 Datasheet HTML 6Page - SICK AG DBS36/50 Datasheet HTML 7Page - SICK AG DBS36/50 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DBS36E-BBCJ01024 | DBS36/50
INCREMENTAL ENCODERS
Shaft diameter
8 mm 1)
Weight
+ 150 g (with connecting cable)
Shaft material
Stainless steel
Flange material
Aluminum
Housing material
Aluminum
Material, cable
PVC
Start up torque
+ 0.5 Ncm (+20 °C)
Operating torque
0.4 Ncm (+20 °C)
Permissible movement static
± 0.3 mm (radial)
± 0.5 mm (axial) 2)
Permissible movement dynamic
± 0.1 mm (radial)
± 0.2 mm (axial) 2)
Operating speed
6,000 
min⁻¹ 3)
Maximum operating speed
≤ 8,000 
min⁻¹ 4)
Moment of inertia of the rotor
0.8 gcm²
Bearing lifetime
2 x 10^9 revolutions
Angular acceleration
≤ 500,000 rad/s²
1) Order collets for 5 mm, 6 mm and 1/4” mm separately as accessories.
2) Higher values are possible using limited bearing life.
3) Allow for self-heating of 4.7 K per 1,000 rpm when designing the operating temperature range.
4) No permanent operation. Decreasing signal quality.
Ambient data
EMC
According to EN 61000-6-2 and EN 61000-6-3 (class A)
Enclosure rating
IP65
Permissible relative humidity
90 % (Condensation not permitted)
Operating temperature range
–20 °C ... +85 °C, –35 °C ... +95 °C on request
Storage temperature range
–40 °C ... +100 °C, without package
Resistance to shocks
100 g, 6 ms (EN 60068-2-27)
Resistance to vibration
20 g, 10 Hz ... 2,000 Hz (EN 60068-2-6)
Classifications
eCl@ss 5.0
27270501
eCl@ss 5.1.4
27270501
eCl@ss 6.0
27270590
eCl@ss 6.2
27270590
eCl@ss 7.0
27270501
eCl@ss 8.0
27270501
eCl@ss 8.1
27270501
eCl@ss 9.0
27270501
eCl@ss 10.0
27270501
eCl@ss 11.0
27270501
eCl@ss 12.0
27270501
ETIM 5.0
EC001486
2023-11-20 18:53:39 | Product data sheet
Subject to change without notice
INCREMENTAL ENCODERS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com