Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS36/50 Datasheet(PDF) 6 Page - SICK AG

Part # DBS36/50
Description  INCREMENTAL ENCODERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DBS36/50 Datasheet(HTML) 6 Page - SICK AG

  DBS36/50 Datasheet HTML 1Page - SICK AG DBS36/50 Datasheet HTML 2Page - SICK AG DBS36/50 Datasheet HTML 3Page - SICK AG DBS36/50 Datasheet HTML 4Page - SICK AG DBS36/50 Datasheet HTML 5Page - SICK AG DBS36/50 Datasheet HTML 6Page - SICK AG DBS36/50 Datasheet HTML 7Page - SICK AG DBS36/50 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DBS36E-BBCJ01024 | DBS36/50
INCREMENTAL ENCODERS
Diagrams
Signal outputs for electrical interfaces TTL and HTL
Measuring step
Cw with view on the encoder shaft in direction "A", compare dimensional drawing.
①  Interfaces G, P, R only for channels A, B, Z.
Supply voltage
Output
4.5 V...5.5 V
TTL/RS422
7 V...30 V
TTL/RS422
7 V...30 V
HTL/Push Pull
7 V...27 V
HTL/push pull, 3 channel
4.5 V...5.5 V
Open Collector NPN, 3 channel
4.5 V...30 V
Open Collector NPN, 3 channel
Recommended accessories
Other models and accessories
www.sick.com/DBS36_50
Brief description
Type
Part no.
Other mounting accessories
Two-sided stator coupling, screw hole diameter 42 to 46 mm, slot width 3.2 mm
BEF-DS-DBS36
2066301
Plug connectors and cables
Head A: cable
Head B: Flying leads
Cable: SSI, Incremental, HIPERFACE®, PUR, halogen-free, shielded
LTG-2308-MWENC
6027529
Head A: cable
Head B: Flying leads
Cable: SSI, Incremental, PUR, shielded
LTG-2411-MW
6027530
Head A: cable
Head B: Flying leads
Cable: SSI, Incremental, PUR, halogen-free, shielded
LTG-2512-MW
6027531
6
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-20 18:53:39
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com