Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1219BRJZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1219BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1219BRJZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADG1219BRJZ-R2 Datasheet HTML 1Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 2Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADG1219
Preliminary Technical Data
Rev.
PrB | Page 4 of 17
B Version1
Parameters
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
140
μA typ
Digital inputs = 5 V
170
μA max
ISS
0.001
μA typ
Digital inputs = 0 V, 5 V or VDD
1.0
μA max
VDD/VSS
±5/±16.5
V min/max
|VDD | = |VSS|
1 Temperature range for B version is −40°C to +125°C.
2 Guaranteed by design; not subject to production test.
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
B Version1
Parameters
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
300
Ω typ
VS = 0 V to 10 V, IS = −1 mA; see Figure 23
475
567
625
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between
Channels (∆RON)
4.5
Ω typ
VS = 0 V to 10 V, IS = −1 mA
16
26
27
Ω max
On Resistance Flatness (RFLAT(ON))
60
Ω typ
VS = 3 V, 6 V, 9 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 24
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 24
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = 1 V or 10 V, see Figure 25
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
195
ns typ
RL = 300 Ω, CL = 35 pF
250
300
340
ns max
VS = 8 V; see Figure 26
tON (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
150
190
210
ns max
VS = 8 V; see Figure 26
tOFF (EN)
145
ns typ
RL = 300 Ω, CL = 35 pF
185
220
235
ns max
VS = 8 V; see Figure 26
Break-Before-Make Time Delay, tBBM
70
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 8 V; see Figure 27
Charge Injection
−0.8
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 28
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29;
Channel-to-Channel Crosstalk
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
−3 dB Bandwidth
400
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com