Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1219BRJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1219BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1219BRJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1219BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADG1219
Preliminary Technical Data
Rev.
PrB | Page 8 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
SOURCE OR DRAIN VOLTAGE (V)
200
100
0
–18 –15 –12 –9
–6
–3
12
15
9
06
318
180
160
140
120
80
60
40
20
TA = 25°C
VDD = 15V
VSS = –15V
VDD = 16.5V
VSS = –16.5V
VDD = 13.5V
VSS = –13.5V
Figure 4. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
600
300
0
–6
–4
–2
4
02
6
500
400
200
100
TA = 25°C
VDD = 5V
VSS = –5V
VDD = 5.5V
VSS = –5.5V
VDD = 4.5V
VSS = –4.5V
Figure 5. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
450
250
300
0
02
4
6
12
810
14
400
350
150
200
100
50
TA = 25°C
VDD = 12V
VSS = 0V
VDD = 13.2V
VSS = 0V
VDD = 10.8V
VSS = 0V
Figure 6. On Resistance as a Function of VD (VS) for Single Supply
TEMPERATURE (°C)
250
0
–15
–10
–5
10
05
15
150
200
100
50
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
VDD = 15V
VSS = –15V
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures,
Dual Supply
TEMPERATURE (°C)
600
0
02
4
10
68
12
300
400
200
500
100
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
VDD = 12V
VSS = 0V
Figure 8. On Resistance as a Function of VD (VS) for Different Temperatures,
Single Supply
200
–500
0
TEMPERATURE (°C)
100
0
–100
–200
–300
–400
20
40
60
80
100
120
IS(OFF)+–
ID(OFF)+–
IS(OFF)–+
ID(OFF)–+
ID,S(ON)++
ID,S(ON)– –
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
Figure 9. Leakage Currents as a Function of Temperature, 15 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com