Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1219BRJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1219BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1219BRJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG1219BRJZ-R2 Datasheet HTML 1Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 2Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low Capacitance, Low Charge Injection,
±15 V/12 V iCMOS™ SPDT in SOT-23
Preliminary Technical Data
ADG1219
Rev.
PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
8 Analog Devices, Inc. All rights reserved.
FEATURES
<0.5 pC charge injection over full signal range
2.5 pF off capacitance
Low leakage; 0.6 nA maximum @ 85°C
120 Ω on resistance
Fully specified at +12 V, ±15 V
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
8-lead SOT-23 package
APPLICATIONS
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio/video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
ADG1219
DECODER
SA
IN
EN
SB
D
SWITCHES SHOWN FOR A LOGIC “0” INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG1219 is a monolithic iCMOS device containing an
SPDT switch. An EN input is used to enable or disable the
device. When disabled, all channels are switched off. When on,
each channel conducts equally well in both directions and has
an input signal range that extends to the supplies. Each switch
exhibits break-before-make switching action.
The iCMOS (industrial CMOS) modular manufacturing
process combines high voltage CMOS (complementary metal-
oxide semiconductor) and bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 33 V operation in a footprint that no other generation
of high voltage parts has been able to achieve. Unlike analog ICs
using conventional CMOS processes, iCMOS components can
tolerate high supply voltages while providing increased perfor-
mance, dramatically lower power consumption, and reduced
package size.
The ultralow capacitance and exceptionally low charge injection
of these multiplexers make them ideal solutions for data
acquisition and sample-and-hold applications, where low glitch
and fast settling are required. Figure 2 shows that there is
minimum charge injection over the entire signal range of the
device. iCMOS construction also ensures ultralow power
dissipation, making the parts ideally suited for portable and
battery-powered instruments.
0.5
–0.5
–15
15
INPUT VOLTAGE (V)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–10
–5
0
5
10
TA = 25ºC
VDD = +15V
VSS = –15V
VDD = +5V
VSS = –5V
VDD = 12V
VSS = 0V
Figure 2. Charge Injection vs. Input Voltage


Similar Part No. - ADG1219BRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
ADG1211YCP AD-ADG1211YCP Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
ADG1211YCPZ-500RL7 AD-ADG1211YCPZ-500RL7 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YCPZ-REEL7 AD-ADG1211YCPZ-REEL7 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRU AD-ADG1211YRU Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
More results

Similar Description - ADG1219BRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com