Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1219BRJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADG1219BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1219BRJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG1219BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 11Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 12Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 13Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 14Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 15Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 16Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADG1219
Preliminary Technical Data
Rev.
PrB | Page 14 of 17
TERMINOLOGY
IDD
The positive supply current.
ISS
The negative supply current.
VD (VS)
The analog voltage on Terminal D and Terminal S.
RON
The ohmic resistance between D and S.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured over the specified
analog signal range.
IS (Off)
The source leakage current with the switch off.
ID (Off)
The drain leakage current with the switch off.
ID, IS (On)
The channel leakage current with the switch on.
VINL
The maximum input voltage for Logic 0.
VINH
The minimum input voltage for Logic 1.
IINL (IINH)
The input current of the digital input.
CS (Off)
The off switch source capacitance, measured with reference to
ground.
CD (Off)
The off switch drain capacitance, measured with reference to
ground.
CD, CS (On)
The on switch capacitance, measured with reference to ground.
CIN
The digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from one
address state to another.
TBBM
Off time measured between the 80% point of both switches
when switching from one address state to another.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another as a result of parasitic capacitance.
Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental.
ACPSRR (AC Power Supply Rejection Ratio)
Measures the ability of a part to avoid coupling noise and
spurious signals that appear on the supply voltage pin to the
output of the switch. The dc voltage on the device is modulated
by a sine wave of 0.62 V p-p. The ratio of the amplitude of signal on
the output to the amplitude of the modulation is the ACPSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com