Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1219BRJZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1219BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1219BRJZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADG1219BRJZ-R2 Datasheet HTML 1Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 2Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1219BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary Technical Data
ADG1219
Rev.
PrB | Page 5 of 17
B Version1
Parameters
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
CS (Off)
2.9
pF typ
f = 1 MHz; VS = 6 V
3.7
pF max
f = 1 MHz; VS = 6 V
CD (Off)
5
pF typ
f = 1 MHz; VS = 6 V
5.8
pF max
f = 1 MHz; VS = 6 V
CD, CS (On)
8.5
pF typ
f = 1 MHz; VS = 6 V
11
pF max
f = 1 MHz; VS = 6 V
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
140
μA typ
Digital inputs = 5 V
170
μA max
VDD
5/16.5
V min/max
VSS = 0 V, GND = 0 V
1 Temperature range for B version is −40°C to +125°C.
2 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com