Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84C44X Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 84C44X
Description  8-bit microcontrollers with OSD and VST
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 84C44X Datasheet HTML 7Page - NXP Semiconductors 84C44X Datasheet HTML 8Page - NXP Semiconductors 84C44X Datasheet HTML 9Page - NXP Semiconductors 84C44X Datasheet HTML 10Page - NXP Semiconductors 84C44X Datasheet HTML 11Page - NXP Semiconductors 84C44X Datasheet HTML 12Page - NXP Semiconductors 84C44X Datasheet HTML 13Page - NXP Semiconductors 84C44X Datasheet HTML 14Page - NXP Semiconductors 84C44X Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
October 1994
12
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
9
VST CONTROL
9.1
14-bit PWM DAC
The PCA84C640 has one 14-bit PWM DAC output (TDAC)
with a resolution of 16384 levels for Voltage Synthesized
Tuning. The PWM DAC (see Fig.10) consists of:
• 14-bit counter
• Two 7-bit DAC interface data latches (VSTH and VSTL)
• One 14-bit DAC data latch (VSTREG)
• Pulse control.
The polarity of output TDAC is selected with bit P14LVL.
Setting the bit P14LVL to:
• Logic 1, sets the TDAC output to the default polarity
• Logic 0, inverts the TDAC output.
9.1.1
14-BIT COUNTER
The counter is continuously running and is clocked by f0.
The period of the clock,
The repetition time for one complete cycle of the counter:
The repetition time for one cycle of the lower 7-bits of the
counter is:
Therefore, the number of tsub periods in a complete
cycle tr is:
9.1.2
DATA AND INTERFACE LATCHES
In order to ensure correct operation, interface data latch
VSTH is loaded first and then interface data latch VSTL.
The contents of:
• VSTH are used for coarse adjustment
• VSTL are used for fine adjustment.
At the beginning of the first tsub period following the loading
of VSTL, both data latches are loaded into data latch
VSTREG. After the contents of VSTH and VSTL are
latched into VSTREG, one tsub period is needed to
generate the appropriate pulse pattern.
To ensure correct DAC conversion, two (2) tsub periods
should be allowed before beginning the next sequence.
t
0
3
f
XTAL
--------------
=
t
r
t
0
16 384
×
=
t
sub
t
0
128
×
=
N
t
0
16 384
×
t
0
128
×
---------------------------
128
=
=
9.2
Coarse adjustment
The coarse adjustment output (OUT1) is reset to LOW
(inactive) at the start of each tsub period.
It will remain LOW until the time
has
elapsed and then will go HIGH and remain so until the next
tsub period starts.
9.3
Fine adjustment
Fine adjustment is achieved by generating additional
pulses at the start of particular sub-periods (tsubn).
These additional pulses have a width of t0.
The sub-period in which a pulse is added is determined by
the contents of VSTL interface latch.
Table 3 gives the numbers of the tsubn, at the start of which
an additional pulse is generated, depending on the bit in
VSTL being a logic 0. When more than one bit is a logic 0
a combination of additional pulses are generated.
For example, if VSTL = 1111010, which is a combination of
• VSTL = 1111110: sub-period 64, and
• VSTL = 1111011: sub-periods 16, 48, 80, 112,
then additional pulses will be given in sub-periods
16, 48, 64, 80 and 112; this is illustrated in Fig.12.
If VSTH = 0011101, VSTL = 1111010 and P14LVL = 0,
then the TDAC output is as shown in Fig.13.
Table 3
Additional pulse distribution
LOWER 7
BITS (VSTL)
ADDITIONAL PULSE IN
SUB-PERIODS tsubn
111 1110
64
111 1101
32, 96
111 1011
16, 48, 80, 112
111 0111
8, 24, 40, 56, 72, 88, 104, 120
110 1111
4, 12, 20, 28, 36, 44, 52, 60 .... 116, 124
101 1111
2, 6, 10, 14, 18, 22, 26, 30, .... 122, 126
011 1111
1, 3, 5, 7, 9, 11, 13, 15, 17, .... 125, 127
t
0
VSTH
1
+
(
)
×
[
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com