Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84C44X Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 84C44X
Description  8-bit microcontrollers with OSD and VST
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 84C44X Datasheet HTML 16Page - NXP Semiconductors 84C44X Datasheet HTML 17Page - NXP Semiconductors 84C44X Datasheet HTML 18Page - NXP Semiconductors 84C44X Datasheet HTML 19Page - NXP Semiconductors 84C44X Datasheet HTML 20Page - NXP Semiconductors 84C44X Datasheet HTML 21Page - NXP Semiconductors 84C44X Datasheet HTML 22Page - NXP Semiconductors 84C44X Datasheet HTML 23Page - NXP Semiconductors 84C44X Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
October 1994
21
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.5
Display data registers
The display data registers consists of a group of 32 derivative registers located at addresses 20H to 3FH inclusive
(see Table 7). At power-up the contents of the display data registers are undefined.
The format of each display data register is shown in Table 8, and their functions described in Table 9.
Table 7
Display data registers addresses
Table 8
Display data register (address 20H to 3FH)
Table 9
Description of display data register bits
12.6
Display control registers
The display control registers consists of a group of 6 derivative registers located at addresses 40H to 45H inclusive
(see Table 10). Each register may be read from or written to. After a reset operation the contents of the display control
registers are zero.
Table 10 Display control registers addresses
ADDRESS
DISPLAY DATA FOR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
20H to 2FH
Row 0 = the first display row
CC1
CC0
MD5
MD4
MD3
MD2
MD1
MD0
30H to 3FH
Row 1 = the second display row
7
6
5
4
3
2
1
0
CC1
CC0
MD5
MD4
MD3
MD2
MD1
MD0
BIT
SYMBOL
FUNCTION
7
CC1
Colour code. The state of these two bits enable individual characters to be
displayed in one of four colours. See Tables 24, 25 and 26.
6
CC0
5
MD5
Character code.
The character set is stored in ROM and consists of 64 different characters.
The selection of each character is dependent on the state of the 6 bits, MD0 to
MD5.
4
MD4
3
MD3
2
MD2
1
MD1
0
MD0
ADDRESS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
40H
OSDCA
CC34
CC24
CC14
RBLK
ROUND
STBY
VLVL
HLVL
41H
LINE 0A
SZ01
SZ00
VP05
VP04
VP03
VP02
VP01
VP00
42H
LINE 0B
BLK0
VB0
HP05
HP04
HP03
HP02
HP01
HP00
43H
OSDCB
CDTW
CDTH
CC33
CC23
CC32
CC12
CC21
CC11
44H
LINE 1A
SZ11
SZ10
VP15
VP14
VP13
VP12
VP11
VP10
45H
LINE 1B
BLK1
VB1
HP15
HP14
HP13
HP12
HP11
HP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com