Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84C44X Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 84C44X
Description  8-bit microcontrollers with OSD and VST
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 84C44X Datasheet HTML 20Page - NXP Semiconductors 84C44X Datasheet HTML 21Page - NXP Semiconductors 84C44X Datasheet HTML 22Page - NXP Semiconductors 84C44X Datasheet HTML 23Page - NXP Semiconductors 84C44X Datasheet HTML 24Page - NXP Semiconductors 84C44X Datasheet HTML 25Page - NXP Semiconductors 84C44X Datasheet HTML 26Page - NXP Semiconductors 84C44X Datasheet HTML 27Page - NXP Semiconductors 84C44X Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
October 1994
25
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.6.3
DERIVATIVE REGISTERS LINE 1A AND LINE 1B
Table 17 Derivative register LINE 1A (address 44H)
Table 18 Description of LINE 1A bits
Table 19 Derivative register LINE 1B (address 45H)
Table 20 Description of LINE 1B bits
REGISTER
FUNCTION
LINE 1A
Determine the character size and vertical position of Row 1 (the second display row).
LINE 1B
Determine the horizontal position of Row 1 and the selection of background and blanking functions.
7
6
5
4
3
2
1
0
SZ11
SZ10
VP15
VP14
VP13
VP12
VP11
VP10
BIT SYMBOL
FUNCTION
7
SZ11
Character size. The state of these two bits enable one of four possible character sizes to be
selected for Row 1. Character sizes include background. See Table 23.
6
SZ10
5
VP15
Vertical position control.
The vertical position of Row 1 is selected by the state of the 6 bits, VP10 to VP15.
For details see Section 12.7.1 “Vertical position”.
4
VP14
3
VP13
2
VP12
1
VP11
0
VP10
7
6
5
4
3
2
1
0
BLK1
VB1
HP15
HP14
HP13
HP12
HP11
HP10
BIT SYMBOL
FUNCTION
7
BLK1
Blanking. This bit enables or disables the character display. When BLK1 is:
Logic 0, the outputs VOW1, VOW2, VOW3 and VOB are disabled; no characters are displayed.
Logic 1, the outputs VOW1, VOW2, VOW3 and VOB are enabled; characters are displayed.
6
VB1
Background. This bit determines whether the background display is selected or not.
The visual effect of background versus no background is shown in Fig.26. When VB1 is set to:
Logic 1, the characters in this line are displayed with background.
Logic 0, the background is disabled and only the character is displayed.
5
HP15
Horizontal position control.
These 6 bits determine the start position of Row 1.
The horizontal position control is only active during OSDC clock cycles.
For details Section 12.7.2 “Horizontal position” and Fig.25.
4
HP14
3
HP13
2
HP12
1
HP11
0
HP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com