Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84C44X Datasheet(PDF) 26 Page - NXP Semiconductors

Part # 84C44X
Description  8-bit microcontrollers with OSD and VST
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button 84C44X Datasheet HTML 22Page - NXP Semiconductors 84C44X Datasheet HTML 23Page - NXP Semiconductors 84C44X Datasheet HTML 24Page - NXP Semiconductors 84C44X Datasheet HTML 25Page - NXP Semiconductors 84C44X Datasheet HTML 26Page - NXP Semiconductors 84C44X Datasheet HTML 27Page - NXP Semiconductors 84C44X Datasheet HTML 28Page - NXP Semiconductors 84C44X Datasheet HTML 29Page - NXP Semiconductors 84C44X Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
October 1994
27
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.7
OSD display position
12.7.1
VERTICAL POSITION
The line number of the vertical start position for:
• Row 0 is 4 × (VP00 → VP05)
• Row 1 is 4 × (VP10 → VP15).
Where:
• (VP00 → VP05) = the decimal value of VP00 → VP05
• (VP10 → VP15) = the decimal value of VP10 → VP15.
The character height in:
• Row 0 is H0 and is a function of the number of dots per
character and the state of the size control bits
SZ00 and SZ01
• Row 1 is H1 and is a function of the number of dots per
character and the state of the size control bits
SZ10 and SZ11.
Row 0 and Row 1 must not overlap each other and
therefore: VP1
≥ (VP0 + H0); see Fig.25.
The four possible character heights are shown in Table 23.
12.7.2
HORIZONTAL POSITION
The horizontal start position (HP) of,
• Row 0:
• Row 1:
Where:
• (HP00 → HP05) = the decimal value of HP00 → HP05
and (HP00
→ HP05) > 10
• (HP10 → HP15) = the decimal value of HP10 → HP15
and (HP10
→ HP15) > 10
• t
OSCD = one OSCD clock period.
Therefore for both Row 0 and Row 1,
HP0, HP1
≥ 45 × t
OSCD.
HP0
4
HP00
HP05
→
(
)
×
5
t
OSCD
×
+
=
HP1
4
HP10
HP15
→
(
)
×
5
t
OSCD
×
+
=
handbook, full pagewidth
ROW 0 CHARACTERS
VP0
HP0
H0
HP1
VP1
MCD183
ROW 1 CHARACTERS
Fig.25 Display position.
Fig.26 Background versus no background.
handbook, halfpage
with background
without background
MCD182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com