Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIL-MAGNET Datasheet(PDF) 2 Page - Weidmuller

Part # WIL-MAGNET
Description  WIL-STANDARD-0.3-SCREW-SW-RED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

WIL-MAGNET Datasheet(HTML) 2 Page - Weidmuller

  WIL-MAGNET Datasheet HTML 1Page - Weidmuller WIL-MAGNET Datasheet HTML 2Page - Weidmuller WIL-MAGNET Datasheet HTML 3Page - Weidmuller WIL-MAGNET Datasheet HTML 4Page - Weidmuller WIL-MAGNET Datasheet HTML 5Page - Weidmuller WIL-MAGNET Datasheet HTML 6Page - Weidmuller WIL-MAGNET Datasheet HTML 7Page - Weidmuller WIL-MAGNET Datasheet HTML 8Page - Weidmuller WIL-MAGNET Datasheet HTML 9Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data sheet
 
WIL-STANDARD-0.3-SCREW-SW-RED
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Technical data
 
 
Creation date May 6, 2020 9:47:43 AM CEST
 
Catalogue status 01.05.2020 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Width
240
  Width (inches)
9.449 inch
Height
8 mm
  Height (inches)
0.315 inch
Depth
40 mm
  Depth (inches)
1.575 inch
Net weight
228 g
   
 
Temperatures
 
Operating temperature, max.
60 °C
  Operating temperature, min.
-20 °C
Operating temperature
-20 - 60°C
   
 
Environmental Product Compliance
 
REACH SVHC
Lead 7439-92-1
   
 
Cable technical specifications
 
Cable Material
PUR
  Sheathing colour
black
Housing main material
hard anodised aluminium   Cable length
0.3 m
Core cross-section
0.34 mm²
   
 
Connection data
 
Version
pin, straight
  Coding
A
Connection thread
M12
  Tightening torque
0.8 Nm
Wiring
Pin 4 (Strand: black)
control red LED, Pin 3
(Strand: blue)
   
 
Electric data
 
Rated voltage (text)
24 V DC
  Rated current
0,36 A
Power
8,5 W
  Dimmable
Yes
 
General technical data
 
Number of LEDs
42
  Light colour (CCT)
Red
Light current
208 lm
  Emitting angle
40 °
Spectral colour
615 - 630 nm
  Illumination level
71 lux
Operating life
60.000 h
  Type of mounting
Screw mounting
Drill hole spacing
225 mm
  Impact resistance
IK05
Protection degree
IP67
   
 
Material data
 
Housing main material
hard anodised aluminium   Encapsulation compound
PUR V0
Threaded ring material
PA
  Material of end caps
Diecast zinc, nickel-plated
 
Standards
 
Certificate no. (cULus)
E354496
   
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com