Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIL-MAGNET Datasheet(PDF) 8 Page - Weidmuller

Part # WIL-MAGNET
Description  WIL-STANDARD-0.3-SCREW-SW-RED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

WIL-MAGNET Datasheet(HTML) 8 Page - Weidmuller

  WIL-MAGNET Datasheet HTML 1Page - Weidmuller WIL-MAGNET Datasheet HTML 2Page - Weidmuller WIL-MAGNET Datasheet HTML 3Page - Weidmuller WIL-MAGNET Datasheet HTML 4Page - Weidmuller WIL-MAGNET Datasheet HTML 5Page - Weidmuller WIL-MAGNET Datasheet HTML 6Page - Weidmuller WIL-MAGNET Datasheet HTML 7Page - Weidmuller WIL-MAGNET Datasheet HTML 8Page - Weidmuller WIL-MAGNET Datasheet HTML 9Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data sheet
 
WIL-STANDARD-0.3-SCREW-SW-RED
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Accessories
 
 
Creation date May 6, 2020 9:47:43 AM CEST
 
Catalogue status 01.05.2020 / We reserve the right to make technical changes.
8
Motion sensor Jackpac®
  MotiondetectorfortheWIL-LEDluminaireinthe
Jackpac® housing With 3m supply cable and M12
cable for connection to the WIL lamp. Switching time
adjustable.
General ordering data
Type
WIL-BM-JP-M12-3.0U
Order No.
2537710000
GTIN (EAN) 4050118549164
Qty.
1 pc(s).
 
Door switch
  TheWILdoorswitchispre-assembledwithanM12cable
and an access line. This allows for a simple Plug and
Produce feature with our WIL LED lamp series.
General ordering data
Type
WIL-TS-M12
Order No.
2537730000
GTIN (EAN) 4050118549188
Qty.
1 pc(s).
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com