Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIL-MAGNET Datasheet(PDF) 1 Page - Weidmuller

Part # WIL-MAGNET
Description  WIL-STANDARD-0.3-SCREW-SW-RED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

WIL-MAGNET Datasheet(HTML) 1 Page - Weidmuller

  WIL-MAGNET Datasheet HTML 1Page - Weidmuller WIL-MAGNET Datasheet HTML 2Page - Weidmuller WIL-MAGNET Datasheet HTML 3Page - Weidmuller WIL-MAGNET Datasheet HTML 4Page - Weidmuller WIL-MAGNET Datasheet HTML 5Page - Weidmuller WIL-MAGNET Datasheet HTML 6Page - Weidmuller WIL-MAGNET Datasheet HTML 7Page - Weidmuller WIL-MAGNET Datasheet HTML 8Page - Weidmuller WIL-MAGNET Datasheet HTML 9Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data sheet
 
 
Creation date May 6, 2020 9:47:43 AM CEST
 
Catalogue status 01.05.2020 / We reserve the right to make technical changes.
1
WIL-STANDARD-0.3-SCREW-SW-RED
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
 
 
The WIL-LED lights Family: Only 8mm high LED lamp
for 24V DC with very high luminous efficacy and high
lifespan (greater 60 000h). Very robust construction,
by full potting and metal housing - waterproof (IP67).
Due to its red light color suitable for special color effects
optionally easily connectable with M12 connection. Due
to the low power consumption, a small enough power
supply with 24V for operation.
General ordering data
 
Type
WIL-STANDARD-0.3-SCREW-SW-RED
Order No.
2436340000
GTIN (EAN)
4050118447958
Qty.
1 pc(s).
 


Similar Part No. - WIL-MAGNET

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
WILCS02 MICROCHIP-WILCS02 Datasheet
2Mb / 71P
single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
03/2025
WILCS02IC MICROCHIP-WILCS02IC Datasheet
2Mb / 71P
single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
03/2025
WILCS02PE MICROCHIP-WILCS02PE Datasheet
2Mb / 71P
single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
03/2025
WILCS02UE MICROCHIP-WILCS02UE Datasheet
2Mb / 71P
single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
03/2025
More results

Similar Description - WIL-MAGNET

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD135BP JIANGHAI-CD135BP Datasheet
946Kb / 5P
EC Screw Standard 85째C 4.000h Lifetime(Screw)
CD136PK JIANGHAI-CD136PK Datasheet
880Kb / 4P
EC Screw Standard 105째C 4.000h Lifetime(Screw)
logo
List of Unclassifed Man...
2276 ETC1-2276 Datasheet
34Kb / 1P
RETRACTILE PLUG, SCREW ATTACHMENT, RED
R125556001 ETC2-R125556001 Datasheet
61Kb / 4P
UNIVERSAL SCREW JACK RECEPTACLE FOR 0.3 MM AXE
logo
United Chemi-Con, Inc.
EKMQ351LGB CHEMI-CON-EKMQ351LGB Datasheet
375Kb / 2P
Standard screw terminals, 105?
EKMQ351LGC CHEMI-CON-EKMQ351LGC Datasheet
375Kb / 2P
Standard screw terminals, 105?
EKMQ401LGC CHEMI-CON-EKMQ401LGC Datasheet
375Kb / 2P
Standard screw terminals, 105?
logo
PHOENIX CONTACT
TSD-M-1 PHOENIX-TSD-M-1 Datasheet
58Kb / 3P
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0.3 ??1.2 Nm
logo
Schneider Electric
9001R24 SCHNEIDER-9001R24 Datasheet
111Kb / 2P
30MM LONG HANDLE FOR SELECTOR SW RED
Jan 20, 2022
9001R8 SCHNEIDER-9001R8 Datasheet
103Kb / 2P
30MM SHORT HANDLE FOR SELECTOR SW RED
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com