Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIL-MAGNET Datasheet(PDF) 6 Page - Weidmuller

Part # WIL-MAGNET
Description  WIL-STANDARD-0.3-SCREW-SW-RED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

WIL-MAGNET Datasheet(HTML) 6 Page - Weidmuller

  WIL-MAGNET Datasheet HTML 1Page - Weidmuller WIL-MAGNET Datasheet HTML 2Page - Weidmuller WIL-MAGNET Datasheet HTML 3Page - Weidmuller WIL-MAGNET Datasheet HTML 4Page - Weidmuller WIL-MAGNET Datasheet HTML 5Page - Weidmuller WIL-MAGNET Datasheet HTML 6Page - Weidmuller WIL-MAGNET Datasheet HTML 7Page - Weidmuller WIL-MAGNET Datasheet HTML 8Page - Weidmuller WIL-MAGNET Datasheet HTML 9Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data sheet
 
WIL-STANDARD-0.3-SCREW-SW-RED
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Accessories
 
 
Creation date May 6, 2020 9:47:43 AM CEST
 
Catalogue status 01.05.2020 / We reserve the right to make technical changes.
6
PUR halogen-free black (U)
  Sensor/actuatorcablesareusedforwiringsensorsand
actuators and for transmitting data or power in various
applications. The moulded cable offers connected and
tested connection of the plug-in connector to the cable
ex-works. The cables may be exposed to a wide range of
conditions, such as humidity, dust, heat, cold, shock or
vibration.
Our developers have focused specifically on this issue and
designed a host of different M8 and M12 sensor-actuator
cables so you are bound to find the solution you need for
your application.
Is there something you have not managed to find or you
feel needs explanation? Talk to us!
General ordering data
Version
Type
SAIL-M12BG-3-3.0U
Order No.
9457820300
GTIN (EAN) 4032248228195
Qty.
1 pc(s).
Sensor/actuator line, One end without connector, M12, Number of
poles : 3, 3 m, Female socket, straight, Shielded: No, LED: No, Sheath
material: PUR, Halogen: No
 
Motion sensor screw connection with cable
  MotiondetectorfortheWIL-LEDluminaireinthe
Jackpac® housing With 3m supply cable and M12
cable for connection to the WIL lamp. Switching time
adjustable.
General ordering data
Type
WIL-BM-SK-M12-3.0U
Order No.
2537700000
GTIN (EAN) 4050118549140
Qty.
1 pc(s).
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com