Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIL-MAGNET Datasheet(PDF) 7 Page - Weidmuller

Part # WIL-MAGNET
Description  WIL-STANDARD-0.3-SCREW-SW-RED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

WIL-MAGNET Datasheet(HTML) 7 Page - Weidmuller

  WIL-MAGNET Datasheet HTML 1Page - Weidmuller WIL-MAGNET Datasheet HTML 2Page - Weidmuller WIL-MAGNET Datasheet HTML 3Page - Weidmuller WIL-MAGNET Datasheet HTML 4Page - Weidmuller WIL-MAGNET Datasheet HTML 5Page - Weidmuller WIL-MAGNET Datasheet HTML 6Page - Weidmuller WIL-MAGNET Datasheet HTML 7Page - Weidmuller WIL-MAGNET Datasheet HTML 8Page - Weidmuller WIL-MAGNET Datasheet HTML 9Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data sheet
 
WIL-STANDARD-0.3-SCREW-SW-RED
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Accessories
 
 
Creation date May 6, 2020 9:47:43 AM CEST
 
Catalogue status 01.05.2020 / We reserve the right to make technical changes.
7
WIL power supply
  PowersupplyIP65forWILstandardfamily85V-264VAC
input, 24V DC output 400mA
General ordering data
Type
WIL-NT-STANDARD
Order No.
2598350000
GTIN (EAN) 4050118611168
Qty.
1 pc(s).
 
PUR halogen-free black (U)
  Sensor/actuatorcablesareusedforwiringsensorsand
actuators and for transmitting data or power in various
applications. The moulded cable offers connected and
tested connection of the plug-in connector to the cable
ex-works. The cables may be exposed to a wide range of
conditions, such as humidity, dust, heat, cold, shock or
vibration.
Our developers have focused specifically on this issue and
designed a host of different M8 and M12 sensor-actuator
cables so you are bound to find the solution you need for
your application.
The M8 and M12 sensor-actuator cables are supplied as
standard with brass nickel-plated nuts. However if you
are looking to use our products in an extremely harsh
environment, we can also supply a variant with a plastic
nut. This enables use in environments where cables with
nickel-plated M8 and M12 nuts would rust.
Is there something you have not managed to find or you
feel needs explanation? Talk to us!
General ordering data
Version
Type
SAIP-M12BG-3-3.0U
Order No.
1108730300
GTIN (EAN) 4032248888481
Qty.
1 pc(s).
Sensor/actuator line, One end without connector, M12, Number of
poles : 3, 3 m, Female socket, straight, Shielded: No, LED: No, Sheath
material: PUR, Halogen: No
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com