Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-LT Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS672LSB-LT
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LT Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS672LSB-LT Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
5
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
OPERATING CHARACTERISTICS using reference target 8X and test circuit #1; air gap within AG range, and over rated ambient
temperature range, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Relative Timing Accuracy*
TICRel
During initial calibration; rising and falling mechanical
edges; RPM = 1000; gear eccentricity < 0.1 mm
–
3
6
deg.
TRel
After initial calibration; rising mechanical edge;
RPM = 1000; gear eccentricity < 0.1 mm
–
0.3
0.6
deg.
After initial calibration; falling mechanical edge;
RPM = 1000; gear eccentricity < 0.1 mm
–
0.5
0.8
deg.
Operational Air Gap Range
AG
Output switching: Running mode only
–
0.5
2.5
mm
*Relative Timing Accuracy range is the change in edge position over the AG range and the device operating temperature
range.
ICC On, VCC =4.0 V
0
2
4
6
8
10
-40
25
150
ICC Off, VCC =4.0 V
0
2
4
6
8
10
-40
25
150
0
75
150
225
300
375
450
-40
25
150
TA (°C)
TA (°C)
TA (°C)
VSAT at ISINK = 15 mA, VCC = 4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com