Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-LT Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS672LSB-LT
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LT Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS672LSB-LT Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ATS672LSB
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
1
2
3
4
1. VCC
2. VOUT
3. Test pin (tie to GND)
4. GND
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Reverse-Output Voltage, VROUT ......................??? V
Continuous Output Current, IOUT .................. 20 mA
Reverse Output Current, IROUT...................... 50 mA
Operating Temperature
Ambient, TA,...............................–40ºC to 150ºC
Maximum Junction, TJ(max)........................170ºC
Maximum Junction ≤ 100 hr, TJ(max) .........180ºC
Storage Temperature, TS ..................–65ºC to 170ºC
Package Thermal Resistance, RθJA ........... 150 °C/W
• Tight timing accuracy throughout
temperature range
• True zero-speed operation
• Air gap-independent switch points
• Large operating air gaps
• Operation down to 3.3 V
• Digital output representing target
profiles
The ATS672 true zero-speed gear tooth sensors provide manufacturer-friendly
solutions for digital gear tooth sensing applications, through an optimized con-
figuration of Hall-effect IC and magnet, packaged together in a single SIP (Single
In Line Package) module. The SIP consists of an overmolded enclosure, which
encapsulates a samarium cobalt magnet, a pole piece, and a true zero-speed Hall-
effect IC that has been optimized to the magnetic circuit. This package can be
easily assembled and used in conjunction with gears of various shapes and sizes.
The ATS672 sensor incorporates a single-element Hall-effect IC that switches in
response to the magnetic signal created by a ferrous target (the gear). The IC con-
tains a sophisticated digital circuit designed to eliminate the detrimental effects of
magnet and system offsets. Signal processing is used to provide zero-speed perfor-
mance, independent of air gap, and also to dynamically adapt device performance to
the typical operating conditions found in automotive applications, such as reducing
sensitivity to vibration. High resolution (9 bit) peak-detecting DACs are used to set
the adaptive switching thresholds of the device. Hysteresis in the thresholds reduces
the negative effects of any anomalies in the magnetic signal (such as magnetic
overshoot) associated with the targets used in many automotive applications. The
ATS672 also includes a low-bandwidth filter that increases the noise immunity and
the signal-to-noise ratio of the sensor. These features result in potential improve-
ments in both the timing accuracy and the jitter performance of the device.
The ATS672LSB version is optimized for gear tooth sensing applications. The
ATS672LSB-LT is optimized for cam sensing.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
Use the following complete part numbers when ordering:
Part Number
Package
Application
ATS672LSB
4-pin plastic SIP
Gear tooth sensing
ATS672LSB-LT
4-pin plastic SIP
Cam sensing
Package SB, 4-pin SIP
Features and Benefits
• Single-chip solution for high reliability
• Small mechanical dimensions
• Optimized Hall-effect IC/magnetic
systems
• AGC and reference-adjust circuits
• Undervoltage lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com